Electronic Components Datasheet Search
  English  ▼

X  

INA901-SP Datasheet(PDF) 8 Page - Texas Instruments

Part # INA901-SP
Description  INA901-SP Radiation Hardened, –15-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA901-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA901-SP Datasheet HTML 4Page - Texas Instruments INA901-SP Datasheet HTML 5Page - Texas Instruments INA901-SP Datasheet HTML 6Page - Texas Instruments INA901-SP Datasheet HTML 7Page - Texas Instruments INA901-SP Datasheet HTML 8Page - Texas Instruments INA901-SP Datasheet HTML 9Page - Texas Instruments INA901-SP Datasheet HTML 10Page - Texas Instruments INA901-SP Datasheet HTML 11Page - Texas Instruments INA901-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
R
(k )
W
PREOUT
Frequency(Hz)
200
150
100
50
0
-50
10
100
1k
10k
100k
1M
10M
Phase
Gain
VCM (V)
-15
-5
5
15
25
35
45
55
65
100
200
300
400
500
600
700
800
900
VSENSE = 100 mV
VSENSE = 0 mV
D001
VS = 12 V
VS = 2.7 V
VS = 12 V
VS = 2.7 V
34
30
26
22
18
14
10
6
2.5 3.5
4.5
5.5 6.5
7.5
8.5
9.5 10.5
SupplyVoltage (V)
11.5 17
18
-40 C
°
+25 C
°
+125 C
°
12
11
10
9
8
7
6
5
4
3
2
1
0
0
5
10
15
20
OutputCurrent(mA)
25
30
V =12V
S
+25 C
°
+25 C
°
-
°
40 C
-
°
40 C
+125 C
°
+125 C
°
SourcingCurrent
V =3V
S
SourcingCurrent
Outputstageisdesigned
tosourcecurrent.Current
sinkingcapabilityis
approximately400 A.
m
1000
900
800
700
600
500
400
300
200
100
0
0
1
2
3
4
5
6
7
OutputVoltage(V)
8
9
10
8
INA901-SP
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA901-SP
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25 °C, VS = 12 V, VCM = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 7. Positive Output Voltage Swing vs Output Current
Figure 8. Quiescent Current vs Output Voltage
Figure 9. Quiescent Current vs Common-Mode Voltage
Figure 10. Output Short-Circuit Current vs Supply Voltage
Figure 11. PRE OUT Output Resistance Production
Distribution
Figure 12. Buffer Gain vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com