Electronic Components Datasheet Search
  English  ▼

X  

ISO122P Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO122P
Description  ISO122 Precision Lowest-Cost Isolation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO122P Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO122P Datasheet HTML 4Page - Texas Instruments ISO122P Datasheet HTML 5Page - Texas Instruments ISO122P Datasheet HTML 6Page - Texas Instruments ISO122P Datasheet HTML 7Page - Texas Instruments ISO122P Datasheet HTML 8Page - Texas Instruments ISO122P Datasheet HTML 9Page - Texas Instruments ISO122P Datasheet HTML 10Page - Texas Instruments ISO122P Datasheet HTML 11Page - Texas Instruments ISO122P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
1pF
200µA
100µA
200kW
Isolation Barrier
1pF
1pF
200µA
100µA
200kW
V
IN
+
–
Osc
Gnd 1 –V
S1
+V
S1
V
OUT
S/H
G = 6
S/H
G = 1
Gnd 2
+V
S2
–V
S2
–
+
A2
Sense
Sense
A1
150pF
150pF
1pF
| |
ISO122
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The ISO122 isolation amplifier uses an input and an output section galvanically isolated by matched 1-pF
isolating capacitors built into the plastic package. The input is duty-cycle modulated and transmitted digitally
across the barrier. The output section receives the modulated signal, converts it back to an analog voltage and
removes the ripple component inherent in the demodulation. Input and output sections are fabricated, then laser
trimmed for exceptional circuitry matching common to the input and output sections. The sections are then
mounted on opposite ends of the package with the isolating capacitors mounted between the two sections. The
ISO122 contains 250 transistors.
8.1.1 Modulator
An input amplifier (A1, Functional Block Diagram) integrates the difference between the input current (VIN/200
k
Ω) and a switched ±100-mA current source. This current source is implemented by a switchable 200-mA source
and a fixed 100-µA current sink. To understand the basic operation of the modulator, assume that VIN = 0 V. The
integrator will ramp in one direction until the comparator threshold is exceeded. The comparator and sense amp
will force the current source to switch; the resultant signal is a triangular waveform with a 50% duty cycle. The
internal oscillator forces the current source to switch at 500 kHz. The resultant capacitor drive is a
complementary duty-cycle modulation square wave.
8.1.2 Demodulator
The sense amplifier detects the signal transitions across the capacitive barrier and drives a switched current
source into integrator A2. The output stage balances the duty-cycle modulated current against the feedback
current through the 200 kW feedback resistor, resulting in an average value at the VOUT pin equal to VIN. The
sample and hold amplifiers in the output feedback loop serve to remove undesired ripple voltages inherent in the
demodulation process.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Isolation Amplifier
The ISO122 is a precision analog isolation amplifier. The input signal is transmitted digitally across a high-voltage
differential capacitive barrier. With digital modulation the barrier characteristics do affect signal integrity, resulting
in excellent reliability and high-frequency transient immunity.
8
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: ISO122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com