Electronic Components Datasheet Search
  English  ▼

X  

ISO122P Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO122P
Description  ISO122 Precision Lowest-Cost Isolation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO122P Datasheet(HTML) 1 Page - Texas Instruments

  ISO122P Datasheet HTML 1Page - Texas Instruments ISO122P Datasheet HTML 2Page - Texas Instruments ISO122P Datasheet HTML 3Page - Texas Instruments ISO122P Datasheet HTML 4Page - Texas Instruments ISO122P Datasheet HTML 5Page - Texas Instruments ISO122P Datasheet HTML 6Page - Texas Instruments ISO122P Datasheet HTML 7Page - Texas Instruments ISO122P Datasheet HTML 8Page - Texas Instruments ISO122P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
V
OUT
V
IN
+V
S1
–V
S1
Gnd
+V
S2
–V
S2
Gnd
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO122
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
ISO122 Precision Lowest-Cost Isolation Amplifier
1 Features
3 Description
The
ISO122
is
a
precision
isolation
amplifier
1
•
100% Tested for High-Voltage Breakdown
incorporating
a
novel
duty
cycle
modulation-
•
Rated 1500 Vrms
demodulation technique. The signal is transmitted
•
High IMR: 140 dB at 60 Hz
digitally across a 2-pF differential capacitive barrier.
With digital modulation the barrier characteristics do
•
Bipolar Operation: VO = ±10 V
not affect signal integrity, thus resulting in excellent
•
16-Pin Plastic DIP and 28-Lead SOIC
reliability and good high-frequency transient immunity
•
Ease of Use: Fixed Unity Gain Configuration
across the barrier. Both barrier capacitors are
imbedded in the plastic body of the package.
•
0.020% Maximum Nonlinearity
•
±4.5-V to ±18-V Supply Range
The ISO122 is easy to use. No external components
are required for operation. The key specifications are
2 Applications
0.020%
maximum
nonlinearity,
50-kHz
signal
bandwidth, and 200-V/°C VOS drift. A power supply
•
Industrial Process Control:
range of 4.5 V to 18 V and quiescent currents of 5
–
Transducer Isolator, Isolator for
mA on VS1 and ±5.5 mA on VS2 make the ISO122
Thermocouples, RTDs, Pressure Bridges, and
ideal for a wide range of applications.
Flow Meters, 4-mA to 20-mA Loop Isolation
The ISO122 is available in 16-pin plastic DIP and
•
Ground Loop Elimination
28-lead plastic surface-mount packages.
•
Motor and SCR Control
Device Information(1)
•
Power Monitoring
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
PC-Based Data Acquisition
PDIP (16)
17.90 mm × 7.50 mm
•
Test Equipment
ISO122
SOIC (28)
20.01 mm × 6.61 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO122P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122P BURR-BROWN-ISO122P Datasheet
188Kb / 13P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122P TI-ISO122P Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
ISO122P TI1-ISO122P Datasheet
1Mb / 26P
Precision Lowest-Cost Isolation Amplifier
logo
List of Unclassifed Man...
ISO122P ETC2-ISO122P Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO122P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
Precision Lowest Cost ISOLATION AMPLIFIER
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
Lowest cost, lowest component count switcher solution
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
Precision Lowest-Cost
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
Precision Isolation Amplifier
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
Precision Lowest-Cost Isolation Amplifier
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com