Electronic Components Datasheet Search
  English  ▼

X  

ISO122P Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO122P
Description  ISO122 Precision Lowest-Cost Isolation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO122P Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO122P Datasheet HTML 5Page - Texas Instruments ISO122P Datasheet HTML 6Page - Texas Instruments ISO122P Datasheet HTML 7Page - Texas Instruments ISO122P Datasheet HTML 8Page - Texas Instruments ISO122P Datasheet HTML 9Page - Texas Instruments ISO122P Datasheet HTML 10Page - Texas Instruments ISO122P Datasheet HTML 11Page - Texas Instruments ISO122P Datasheet HTML 12Page - Texas Instruments ISO122P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ISO122
www.ti.com
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
8.4 Device Functional Modes
The ISO122 does not have any additional functional modes.
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Carrier Frequency Considerations
The ISO122 amplifier transmits the signal across the isolation barrier by a 500kHz duty cycle modulation
technique. For input signals having frequencies below 250 kHz, this system works like any linear amplifier. But
for frequencies above 250 kHz, the behavior is similar to that of a sampling amplifier. The signal response to
inputs greater than 250 kHz performance curve shows this behavior graphically; at input frequencies above
250 kHz the device generates an output signal component of reduced magnitude at a frequency below 250 kHz.
This is the aliasing effect of sampling at frequencies less than two times the signal frequency (the Nyquist
frequency). At the carrier frequency and its harmonics, both the frequency and amplitude of the aliasing go to
zero.
9.1.2 Isolation Mode Voltage Induced Errors
IMV can induce errors at the output as indicated by the plots of IMV vs Frequency. It should be noted that if the
IMV frequency exceeds 250 kHz, the output also will display spurious outputs (aliasing), in a manner similar to
that for VIN > 250 kHz and the amplifier response will be identical to that shown in the Signal Response to Inputs
Greater Than 250-kHz performance curve. This occurs because IMV-induced errors behave like input-referred
error signals. To predict the total error, divide the isolation voltage by the IMR shown in the IMR vs Frequency
curve and compute the amplifier response to this input-referred error signal from the data given in the Signal
Response to Inputs Greater than 250-kHz performance curve. For example, if a 800-kHz 1000-Vrms IMR is
present, then a total of [(–60 dB) + (–30 dB)] x (1000 V) = 32-mV error signal at 200 kHz plus a 1 V, 800-kHz
error signal will be present at the output.
9.1.3 High IMV dV/dt Errors
As the IMV frequency increases and the dV/dt exceeds 1000 Vµs, the sense amp may start to false trigger, and
the output will display spurious errors. The common-mode current being sent across the barrier by the high slew
rate is the cause of the false triggering of the sense amplifier. Lowering the power-supply voltages below ±15 V
may decrease the dV/dt to 500 V/µs for typical performance.
9.1.4 High Voltage Testing
Texas Instruments has adopted a partial discharge test criterion that conforms to the German VDE0884
Optocoupler Standards. This method requires the measurement of minute current pulses (< 5 pC) while applying
2400-Vrms, 60-Hz high-voltage stress across every ISO122 isolation barrier. No partial discharge may be
initiated to pass this test. This criterion confirms transient overvoltage (1.6 × 1500 Vrms) protection without
damage to the ISO122. Lifetest results verify the absence of failure under continuous rated voltage and
maximum temperature.
This new test method represents the “state of the art” for nondestructive high–voltage reliability testing. It is
based on the effects of nonuniform fields that exist in heterogeneous dielectric material during barrier
degradation. In the case of void nonuniformities, electric field stress begins to ionize the void region before
bridging the entire high-voltage barrier. The transient conduction of charge during and after the ionization can be
detected externally as a burst of 0.01–0.1 ms current pulses that repeat on each AC voltage cycle. The minimum
AC barrier voltage that initiates partial discharge is defined as the “inception voltage.” Decreasing the barrier
voltage to a lower level is required before partial discharge ceases and is defined as the “extinction voltage.” The
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ISO122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com