Electronic Components Datasheet Search
  English  ▼

X  

ISO122P Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO122P
Description  ISO122 Precision Lowest-Cost Isolation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO122P Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO122P Datasheet HTML 7Page - Texas Instruments ISO122P Datasheet HTML 8Page - Texas Instruments ISO122P Datasheet HTML 9Page - Texas Instruments ISO122P Datasheet HTML 10Page - Texas Instruments ISO122P Datasheet HTML 11Page - Texas Instruments ISO122P Datasheet HTML 12Page - Texas Instruments ISO122P Datasheet HTML 13Page - Texas Instruments ISO122P Datasheet HTML 14Page - Texas Instruments ISO122P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Frequency (Hz)
+3
0
–3
–9
–15
–21
–27
2k
10k
100k
200k
1
2
5k
20k
50k
1) Standard ISO122 has 50kHz single-pole (Butterworth) re-
sponse.
2) ISO122 with cascaded 50kHz, Q = 1, two-pole, low-pass
filter has three-pole Butterworth response.
ISO122
www.ti.com
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
Typical Application (continued)
9.2.1.3 Application Curves
Figure 12. Standard ISO122 (Approximately 20-mVp-p
Figure 11. Gain vs. Frequency
Output Ripple)
Figure 13. Filtered ISO122 (No Visible Output Ripple)
Figure 14. Step Response of Standard ISO122
Figure 15. Step Response of ISO122 With Added Twopole
Figure 16. Large-signal, 10 kHz Sine-wave Response of
Output Filter
ISO122 With and Without Output Filter
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ISO122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com