Electronic Components Datasheet Search
  English  ▼

X  

ISO122P Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO122P
Description  ISO122 Precision Lowest-Cost Isolation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO122P Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO122P Datasheet HTML 6Page - Texas Instruments ISO122P Datasheet HTML 7Page - Texas Instruments ISO122P Datasheet HTML 8Page - Texas Instruments ISO122P Datasheet HTML 9Page - Texas Instruments ISO122P Datasheet HTML 10Page - Texas Instruments ISO122P Datasheet HTML 11Page - Texas Instruments ISO122P Datasheet HTML 12Page - Texas Instruments ISO122P Datasheet HTML 13Page - Texas Instruments ISO122P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
R
1
C
2
1000pF
A
1
OPA602
4.75kW
7
R
2
9.76kW
Gnd1
Gnd2
C
1
220pF
15
16
V
IN
–V
S1
2
+V
S1
1
–V
S2
10
+V
S2
9
8
ISO
122
In
Gnd
V
OUT = VIN
ISO122
SBOS160A – NOVEMBER 1993 – REVISED JANUARY 2015
www.ti.com
Application Information (continued)
package insulation processes have been characterized and developed to yield an inception voltage in excess of
2400 Vrms so that transient overvoltages below this level will not damage the ISO122. The extinction voltage is
above 1500 Vrms so that even overvoltage induced partial discharge will cease once the barrier voltage is
reduced to the 1500 Vrms (rated) level. Older high-voltage test methods relied on applying a large enough
overvoltage (above rating) to break down marginal parts, but not so high as to damage good ones. Our new
partial discharge testing gives us more confidence in barrier reliability than breakdown/no breakdown criteria.
9.2 Typical Application
9.2.1 Output Filter
Figure 10. ISO122 With Output Filter for Improved Ripple
9.2.1.1 Design Requirements
The ISO122 isolation amplifiers (ISO amps) have a small (10 to 20 mVp-p typical) residual demodulator ripple at
the output. A simple filter can be added to eliminate the output ripple without decreasing the 50-kHz signal
bandwidth of the ISO amp.
9.2.1.2 Detailed Design Procedure
The ISO122 is designed to have a 50-kHz single-pole (Butterworth) signal response. By cascading the ISO amp
with a simple 50-kHz, Q = 1, two-pole, low-pass filter, the overall signal response becomes three-pole
Butterworth. The result is a maximally flat 50-kHz magnitude response and the output ripple reduced below the
noise level. Figure 10 shows the complete circuit. The two-pole filter is a unity-gain Sallen-Key type consisting of
A1, R1, R2, C1, and C2. The values shown give Q = 1 and f–3-dB bandwidth = 50 kHz. Because the op amp is
connected as a unity-gain follower, gain and gain accuracy of the ISO amp are unaffected. Using a precision op
amp such as the OPA602 also preserves the DC accuracy of the ISO amp.
10
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: ISO122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com