Electronic Components Datasheet Search
  English  ▼

X  

LM3532 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 11Page - Texas Instruments LM3532 Datasheet HTML 12Page - Texas Instruments LM3532 Datasheet HTML 13Page - Texas Instruments LM3532 Datasheet HTML 14Page - Texas Instruments LM3532 Datasheet HTML 15Page - Texas Instruments LM3532 Datasheet HTML 16Page - Texas Instruments LM3532 Datasheet HTML 17Page - Texas Instruments LM3532 Datasheet HTML 18Page - Texas Instruments LM3532 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
RALS_ =
2V
54 PA
u Code
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
Device Functional Modes (continued)
Table 1. I2C Current Control and PWM Bit Settings (For Control Bank A)
CURRENT SINK
BRIGHTNESS
CURRENT SINK
PWM SELECT
PWM ENABLE
ASSIGNMENT
REGISTER
ENABLE
Output Configuration
Control A Brightness
Control A PWM
Control A PWM Register
Control Enable
Register
Configuration Register
Register Bit[0]
Bit[2] is PWM enable when Control Register Bit [0]
Bits[1:0] = 00, assigns
Bits [4:2]
0 selects PWM1
A Zone Target 0 is configured as
0 = Bank A Disabled
ILED1 to Control Bank A
000 selects Control A
1 selects PWM2
the brightness register
1 = Bank A Enabled
Bits[3:2] = 00 assigns
Zone Target 0 as
Bit[3] is PWM enable when Control
ILED2 to Control Bank A
brightness register
A Zone Target 1 is configured as
Bits[5:4] = 00, assigns
001 selects Control A
the brightness register
ILED3 to Control Bank A
Zone Target 1
Bit[4] is PWM enable when Control
brightness register
A Zone Target 2 is configured as
010 selects Control A
the brightness register
Zone Target 2
Bit[5] is PWM enable when Control
brightness register
A Zone Target 3 is configured as
011 selects Control A
the brightness register
Zone Target 3
Bit[6] is PWM enable when Control
brightness register
A Zone Target 4 is configured as
1XX selects Control A
the brightness register
Zone Target 4
brightness register
7.4.10 Ambient Light Sensor Current Control
In Ambient Light Sensor (ALS) current control the LM3532 device’s backlight current is automatically set based
upon the voltage at the ambient light sensor inputs (ALS1 and/or ALS2). These inputs are designed to connect to
the outputs of analog ambient light sensors. Each ALS input has an active input voltage range of 0 to 2 V.
7.4.10.1 ALS Resistors
The LM3532 offers 32 separate programmable internal resistors at the ALS1 and ALS2 inputs. These resistors
take the ambient light sensor's output current and convert it into a voltage. The value of the resistor selected is
typically chosen such that the ambient light sensors output voltage swing goes from 0 to 2 V across the intended
measured ambient light (LUX) range. The ALS resistor values are programmed via the ALS1 and ALS2 Resistor
select registers (see Table 15). The code-to-resistor selection (assuming a 2-V full-scale voltage range) is shown
in Equation 3:
(3)
Each higher code in the specific ALS Resistor Select Register increases the allowed ALS sensor current by 54
µA ( for a 2-V full-scale). When the ALS is disabled (ALS Configuration Register bit [3] = 0) the ALS inputs are
set to a high impedance mode no matter what the ALS resistor selection is. Alternatively, ALS Resistor Select
Register Code 00000 sets the specific ALS input to high impedance.
7.4.10.2 Ambient Light Zone Boundaries
The LM3532 provides 5 ambient light brightness zones which are defined by 4 zone boundary registers. The
LM3532 has one set of zone boundary registers that is shared globally by all control banks. As the voltage at the
ALS input changes in response to the ambient light sensors received light, the ALS voltage transitions through
the 5 defined brightness zones. Each brightness zone can be assigned a brightness target via the 5 zone target
registers. Each control bank has its own set of zone target registers. Therefore, in response to changes in a
Brightness Zone at the ALS input, the LED current can transition to a new brightness level. This allows for backlit
LCD displays to reduce the LED Current when the ambient light is dim or increase the LED current when the
ambient light increases. Each zone boundary register is 8 bits with a full-scale voltage of 2 V. This gives 2 V/255
= 7.8 mV per bit. Figure 14 describes the ambient light to brightness mapping.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com