Electronic Components Datasheet Search
  English  ▼

X  

LM3532 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 14Page - Texas Instruments LM3532 Datasheet HTML 15Page - Texas Instruments LM3532 Datasheet HTML 16Page - Texas Instruments LM3532 Datasheet HTML 17Page - Texas Instruments LM3532 Datasheet HTML 18Page - Texas Instruments LM3532 Datasheet HTML 19Page - Texas Instruments LM3532 Datasheet HTML 20Page - Texas Instruments LM3532 Datasheet HTML 21Page - Texas Instruments LM3532 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
ALS Enabled
I2C Write
VALS
(active input is sampled)
tCONV = 140 Ps
ADC Register
(Read Only, Updated every tCONV)
Sample
1
Sample
2
Sample
3
Sample
n
ADC Average Register
(Read Only, Updated every tAVERAGE)
tAVERAGE
(set via bits [2:0] of the ALS
Configuration Register)
0x00
Sample 1 + Sample 2 + Sample 3 + « 6DPSOH Q
n
=
Con-
version
n + 1
Average Period #1
Average Period #2
Con-
version
n
Con-
version
3
Con-
version
2
Con-
version
1
ADC Register
Averager
ALS Average Time
(ALS Configuration
Register Bits [2:0])
ADC
(7.142ksps)
ALS Configuration
Register Bits [5:4]
Read Back UP
Only Register
Direct ALS Control
(Up and Down Delay
= 3 x tAVE)
Up Only Control
(Up Delay = 3 x tAVE)
4 x tAVE to 35 x tAVE)
Up Delay = 3 x tAVE
Read Back
Ambient Light
Zone Register
ALS Input Select
(ALS Configuration
Register Bits[7:6])
ALS1
ALS2
ALS Brightness
Control Target
Read Back
Brightness Zone
Register
ADC Average
Register
Down Delay Control
Averager
Output
(Down Delay =
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
Figure 16. ALS Functional Block Diagram
7.4.10.6 ALS Input Select and ALS ADC Input
The internal 8-bit ADC digitizes the active ambient light sensor inputs (ALS1 or ALS2). The active ALS input is
determined by the bit settings of the ALS input select bits, bits [7:6] in the ALS Configuration register. The active
ALS input can be the average of ALS1 and ALS2, the maximum of ALS1 and ALS2, ALS1 only, or ALS2 only.
Once the ALS input select stage selects the active ALS input, the result is sent to the internal 8-bit ADC. For
example, if the active ALS input select is set to be the average of ALS1 and ALS2, then the voltage at ALS1 and
ALS2 is first averaged, then applied to the ADC. The output of the ADC (ADC Register) is the digitized average
value of ALS1 and ALS2.
The LM3532 device's internal ADC samples at 7.143 ksps. ADC timing is shown in Figure 17. When the ALS is
enabled (ALS Configuration Register bit [3] = 1) the ADC begins sampling and converting the active ALS input.
Each conversion takes 140 µs. After each conversion the ADC register is updated with new data.
Figure 17. ADC Timing
7.4.10.7 ALS ADC Readback
The digitized value of the LM3532 device's ADC is read back from the ADC Readback Register. Once the ALS is
enabled, the ADC begins converting the active ALS input and updating the ALS Readback Register every 140
µs. The ADC Readback register contains the updated data after each conversion.
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com