| Electronic Components Datasheet Search |
|
LM3532 Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3532 Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 52 page ![]() LM3532 SNVS653E – JULY 2011 – REVISED AUGUST 2015 www.ti.com 7.6.4 Control A PWM This register configures which PWM input (PWM1 or PWM2) is mapped to Control Bank A and which zones the selected PWM input is active in. Table 6. Control A Pwm Register Description (Address 0x13) Bit 7 Bit 6 Bit 5 Bit 2 Bit 2 Bit 2 Bit 1 Bit 0 N/A Zone 4 PWM Zone 3 PWM Zone 2 PWM Zone 1 PWM Zone 0 PWM PWM Input PWM Select Enable Enable Enable Enable Enable Polarity 0 = Active PWM 0 = Active PWM 0 = Active 0 = Active PWM 0 = Active PWM 0 = active low 0 = PWM1 input input is disabled input is disabled in PWM input is input is disabled input is disabled polarity is mapped to in Zone 4 Zone 3 (default) disabled in in Zone 1 in Zone 0 Control Bank A (default) Zone 2 (default) (default) (default) (default) Not Used 1 = Active PWM 1 = Active PWM 1 = Active 1 = Active PWM 1 = Active PWM 1 = active high 1 = PWM2 is input is enabled input is enabled in PWM input is input is enabled input is enabled polarity mapped to in Zone 4 Zone 3 enabled in in Zone 1 in Zone 0 (default) Control Bank A Zone 2 7.6.5 Control B PWM This register configures which PWM input (PWM1 or PWM2) is mapped to Control Bank B and which zones the selected PWM input is active in. Table 7. Control B Pwm Register Description (Address 0x14) Bit 7 Bit 6 Bit 5 Bit 2 Bit 2 Bit 2 Bit 1 Bit 0 N/A Zone 4 PWM Zone 3 PWM Zone 2 PWM Zone 1 PWM Zone 0 PWM PWM Input PWM Select Enable Enable Enable Enable Enable Polarity 0 = Active PWM 0 = Active PWM 0 = Active 0 = Active PWM 0 = Active PWM 0 = active low 0 = PWM1 input is disabled input is disabled PWM input is input is disabled input is disabled polarity input is in Zone 4 in Zone 3 disabled in in Zone 1 in Zone 0 mapped to (default) (default) Zone 2 (default) (default) Control Bank B (default) (default) Not Used 1 = Active PWM 1 = Active PWM 1 = Active 1 = Active PWM 1 = Active PWM 1 = active high 1 = PWM2 is input is enabled input is enabled in PWM input is input is enabled input is enabled polarity mapped to in Zone 4 Zone 3 enabled in in Zone 1 in Zone 0 (default) Control Bank B Zone 2 7.6.6 Control C PWM This register configures which PWM input (PWM1 or PWM2) is mapped to Control Bank C and which zones the selected PWM input is active in. Table 8. Control C Pwm Register Description (Address 0x15) Bit 7 Bit 6 Bit 5 Bit 2 Bit 2 Bit 2 Bit 1 Bit 0 N/A Zone 4 PWM Zone 3 PWM Zone 2 PWM Zone 1 PWM Zone 0 PWM PWM Input PWM Select Enable Enable Enable Enable Enable Polarity 0 = Active PWM 0 = Active PWM 0 = Active 0 = Active PWM 0 = Active PWM 0 = active low 0 = PWM1 input is disabled input is disabled PWM input is input is disabled input is disabled polarity input is in Zone 4 in Zone 3 disabled in in Zone 1 in Zone 0 mapped to (default) (default) Zone 2 (default) (default) Control Bank C (default) (default) Not Used 1 = Active PWM 1 = Active PWM 1 = Active 1 = Active PWM 1 = Active PWM 1 = active high 1 = PWM2 is input is enabled input is enabled in PWM input is input is enabled input is enabled polarity mapped to in Zone 4 Zone 3 enabled in in Zone 1 in Zone 0 (default) Control Bank C Zone 2 7.6.7 Control A Brightness Configuration The Control A Brightness Configuration Register has 3 functions: 1. Selects how the LED current sink which is mapped to Control Bank A is controlled (either directly through the I2C or via the ALS interface). 26 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: LM3532 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |