Electronic Components Datasheet Search
  English  ▼

X  

LM3532 Datasheet(PDF) 43 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 39Page - Texas Instruments LM3532 Datasheet HTML 40Page - Texas Instruments LM3532 Datasheet HTML 41Page - Texas Instruments LM3532 Datasheet HTML 42Page - Texas Instruments LM3532 Datasheet HTML 43Page - Texas Instruments LM3532 Datasheet HTML 44Page - Texas Instruments LM3532 Datasheet HTML 45Page - Texas Instruments LM3532 Datasheet HTML 46Page - Texas Instruments LM3532 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
Layout Guidelines (continued)
The following lists the main (layout sensitive) areas of the LM3532 in order of decreasing importance:
Output Capacitor
•
Schottky Cathode to COUT+
•
COUT
− to GND
Schottky Diode
•
SW Pin to Schottky Anode
•
Schottky Cathode to COUT+
Inductor
•
SW Node PCB capacitance to other traces
Input Capacitor
•
CIN+ to IN pin
•
CIN
− to GND
10.1.1 Output Capacitor Placement
The output capacitor is in the path of the inductor current discharge current. As a result, COUT sees a high current
step from 0 to IPEAK each time the switch turns off and the Schottky diode turns on. Typical turnoff/turnon times
are around 5 ns. Any inductance along this series path from the cathode of the diode through COUT and back into
the LM3532's GND pin contributes to voltage spikes (VSPIKE = LPX × dI/dt) at SW and OUT which can potentially
over-voltage the SW pin, or feed through to GND. To avoid this, COUT+ must be connected as close as possible
to the Cathode of the Schottky diode and COUT− must be connected as close as possible to the LM3532's GND
bump. The best placement for COUT is on the same layer as the LM3532 to avoid any vias that add extra series
inductance (see Layout Examples).
10.1.2 Schottky Diode Placement
The Schottky diode is in the path of the inductor current discharge. As a result the Schottky diode sees a high
current step from 0 to IPEAK each time the switch turns off and the diode turns on. Any inductance in series with
the diode causes a voltage spike (VSPIKE = LPX × dI/dt) at SW and OUT which can potentially over-voltage the
SW pin, or feed through to VOUT and through the output capacitor and into GND. Connecting the anode of the
diode as close as possible to the SW pin and the cathode of the diode as close as possible to COUT+ reduces
the inductance (LPX) and minimize these voltage spikes (see Layout Examples).
10.1.3 Inductor Placement
The node where the inductor connects to the LM3532’s SW bump has 2 issues. First, a large switched voltage (0
to VOUT + VF_SCHOTTKY) appears on this node every switching cycle. This switched voltage can be capacitively
coupled into nearby nodes. Second, there is a relatively large current (input current) on the traces connecting the
input supply to the inductor and connecting the inductor to the SW bump. Any resistance in this path can cause
large voltage drops that negatively affect efficiency.
To reduce the capacitively coupled signal from SW into nearby traces, the SW bump to inductor connection must
be minimized in area. This limits the PCB capacitance from SW to other traces. Additionally, other nodes need to
be routed away from SW and not directly beneath. This is especially true for high impedance nodes that are
more susceptible to capacitive coupling such as (SCL, SDA, HWEN, PWM, and possibly ASL1 and ALS2). A
GND plane placed directly below SW helps isolate SW and dramatically reduce the capacitance from SW into
nearby traces.
To limit the trace resistance of the VBATT to inductor connection and from the inductor to SW connection, use
short, wide traces (see Layout Examples).
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com