Electronic Components Datasheet Search
  English  ▼

X  

LM3532 Datasheet(PDF) 38 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 34Page - Texas Instruments LM3532 Datasheet HTML 35Page - Texas Instruments LM3532 Datasheet HTML 36Page - Texas Instruments LM3532 Datasheet HTML 37Page - Texas Instruments LM3532 Datasheet HTML 38Page - Texas Instruments LM3532 Datasheet HTML 39Page - Texas Instruments LM3532 Datasheet HTML 40Page - Texas Instruments LM3532 Datasheet HTML 41Page - Texas Instruments LM3532 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
8.2.2.4.2
Output Voltage Limited
When the LM3532 output voltage (highest voltage LED string + 400-mV headroom voltage) reaches 40 V, the
OVP threshold is hit, and the NFET turns off and remains off until the output voltage drops 1V below the OVP
threshold. Once VOUT falls below this hysteresis, the boost converter turns on again. In high output voltage
situations the LM3532 begins to regulate the output voltage to the VOVP level instead of the current sink
headroom voltage. This can result in a loss of headroom voltage across the feedback enabled current sinks
resulting in the LED current dropping below its programmed level.
38
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com