Electronic Components Datasheet Search
  English  ▼

X  

LM3642 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3642
Description  LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3642 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3642 Datasheet HTML 13Page - Texas Instruments LM3642 Datasheet HTML 14Page - Texas Instruments LM3642 Datasheet HTML 15Page - Texas Instruments LM3642 Datasheet HTML 16Page - Texas Instruments LM3642 Datasheet HTML 17Page - Texas Instruments LM3642 Datasheet HTML 18Page - Texas Instruments LM3642 Datasheet HTML 19Page - Texas Instruments LM3642 Datasheet HTML 20Page - Texas Instruments LM3642 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
7.6.1.6 Torch Ramp Time Register (0x06)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1)
Bit 0
Torch Ramp-Up Time
Torch Ramp-Down Time
000 = 16 ms (default)
000 = 16 ms (default)
001 = 32 ms
001 = 32 ms
010 = 64 ms
010 = 64 ms
RFU
RFU
011 = 128 ms
011 = 128 ms
100 = 256 ms
100 = 256 ms
101 = 512 ms
101 = 512 ms
110 = 1.024s
110 = 1.024s
111 = 2.048s
111 = 2.048s
7.6.1.7 Silicon Revision Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RFU
000 = LM3642
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com