Electronic Components Datasheet Search
  English  ▼

X  

LM3642 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3642
Description  LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3642 Datasheet(HTML) 3 Page - Texas Instruments

  LM3642 Datasheet HTML 1Page - Texas Instruments LM3642 Datasheet HTML 2Page - Texas Instruments LM3642 Datasheet HTML 3Page - Texas Instruments LM3642 Datasheet HTML 4Page - Texas Instruments LM3642 Datasheet HTML 5Page - Texas Instruments LM3642 Datasheet HTML 6Page - Texas Instruments LM3642 Datasheet HTML 7Page - Texas Instruments LM3642 Datasheet HTML 8Page - Texas Instruments LM3642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
A1
A2
B1
B2
B3
Top View
A3
C2
C1
C3
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
YZR Package
9-Pin DSBGA
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
Step-up DC-DC converter output. Connect a 10-µF ceramic capacitor between this pin
A1
OUT
Power
and GND.
A2
SW
Power
Drain connection for internal NMOS and synchronous PMOS switches.
A3
GND
Ground
Ground
B1
LED
Output
High-side current source output for Flash LED.
Active high hardware Flash enable. Drive STROBE high to turn on Flash pulse. Has an
B2
STROBE
Input
internal pulldown resistor of 300 k
Ω between STROBE and GND.
Input voltage connection. Connect IN to the input supply, and bypass to GND with a 10-
B3
IN
Power
µF or larger ceramic capacitor.
Configurable power amplifier synchronization input or configurable active high Torch
C1
TX/TORCH
Input
enable. Has an internal pulldown resistor of 300 k
Ω between TX and GND.
C2
SDA
Input/Output
Serial data input/output.
C3
SCL
Input
Serial clock input.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com