Electronic Components Datasheet Search
  English  ▼

X  

LM3642 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3642
Description  LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3642 Datasheet(HTML) 5 Page - Texas Instruments

  LM3642 Datasheet HTML 1Page - Texas Instruments LM3642 Datasheet HTML 2Page - Texas Instruments LM3642 Datasheet HTML 3Page - Texas Instruments LM3642 Datasheet HTML 4Page - Texas Instruments LM3642 Datasheet HTML 5Page - Texas Instruments LM3642 Datasheet HTML 6Page - Texas Instruments LM3642 Datasheet HTML 7Page - Texas Instruments LM3642 Datasheet HTML 8Page - Texas Instruments LM3642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
MIN and MAX limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ 85°C). Unless otherwise
specified, TA = 25°C, VIN = 3.6 V.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCE SPECIFICATIONS
1-A flash, VOUT = 4 V
–6%
1.04
6%
A
1.5-A flash, VOUT = 4 V
–8%
1.5
8%
A
ILED
Current source accuracy
24-mA torch, VOUT = 4 V
–10%
24
10%
mA
(LM3642-LT)
48.4 mA Torch, VOUT = 4 V
–10%
48.4
10%
mA
ILED = 1.5 A
Flash
275
12%
Current source regulation
VHR
mV
voltage
ILED = 24 mA/48.4 mA
Torch
150
15%
ON threshold
–2.8%
5
2.2%
Output overvoltage protection
VOVP
V
trip point
OFF threshold
–2.7%
4.88
2.3%
STEP-UP DC-DC CONVERTER SPECIFICATIONS
RPMOS
PMOS switch on-resistance
IPMOS = 1 A
120
m
Ω
RNMOS
NMOS switch on-resistance
INMOS = 1 A
90
–17%
1.6
15%
ICL
Input current limit
A
–17%
1.88
15%
Input voltage flash monitor trip
VIVFM
–3.2%
2.9
3.2%
V
threshold
UVLO
Undervoltage threhold
Falling VIN
–4%
2.8
4%
V
ƒSW
Switching frequency
–9%
4
9%
MHz
IQ
Quiescent supply current
Device not switching pass mode
0.75
mA
ISB
Standby supply current
Device disabled 2.5 V
≤ VIN ≤ 5.5 V
1.6
4
µA
Flash-to-torch LED current
TX low to high
tTX
4
µs
settling time
ILED = 1.5 A to 24 mA/48.4 mA
STROBE, TX VOLTAGE SPECIFICATIONS
VIL
Input logic low
2.5 V
≤ VIN ≤ 5.5 V
0
0.4
V
VIH
Input logic high
2.5 V
≤ VIN ≤ 5.5 V
1.2
VIN
I2C-COMPATIBLE INTERFACE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
2.5 V
≤ VIN ≤ 5.5 V
0
0.4
V
VIH
Input logic high
2.5 V
≤ VIN ≤ 4.2 V
1.2
VIN
VOL
Output logic low
ILOAD = 3 mA
400
mV
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (Min) and Maximum (Max) limits are specified by design, test, or statistical analysis. Typical (Typ) numbers are not verified, but
do represent the most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com