Electronic Components Datasheet Search
  English  ▼

X  

LM3642 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3642
Description  LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3642 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3642 Datasheet HTML 6Page - Texas Instruments LM3642 Datasheet HTML 7Page - Texas Instruments LM3642 Datasheet HTML 8Page - Texas Instruments LM3642 Datasheet HTML 9Page - Texas Instruments LM3642 Datasheet HTML 10Page - Texas Instruments LM3642 Datasheet HTML 11Page - Texas Instruments LM3642 Datasheet HTML 12Page - Texas Instruments LM3642 Datasheet HTML 13Page - Texas Instruments LM3642 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LM3642
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
www.ti.com
7.3 Feature Description
7.3.1 Power Amplifier Synchronization (TX/TORCH)
The TX pin is a Power Amplifier Synchronization input. This is designed to reduce the flash LED current and thus
limit the battery current during high battery current conditions such as PA transmit events. When the LM3642 is
engaged in a Flash event, and the TX pin is pulled high, the LED current is forced into Torch Mode at the
programmed Torch current setting. If the TX pin is then pulled low before the Flash pulse terminates, the LED
current will return to the previous Flash current level. At the end of the Flash time-out whether the TX pin is high
or low, the LED current will turn off.
7.3.2 Input Voltage Flash Monitor (IVFM)
The LM3642 has the ability to adjust the flash current based upon the voltage level present at the IN pin utilizing
an Input Voltage Flash Monitor. Upon an IVFM event, the set voltage threshold from the IVFM Mode Register
sets the input voltage boundary that forces the LM3642 to stop ramping the flash current during start-up (Stop
and Hold Mode).
7.3.3 Fault and Protections
7.3.3.1 Fault Operation
Upon entering a fault condition, the LM3642 will set the appropriate flag in the Flags Register.
7.3.3.2 Flash Time-Out
The Flash Time-Out period sets the amount of time that the Flash Current is being sourced from the current
source (LED). The LM3642 has 8 time-out levels ranging 100 ms to 800 ms in 100-ms steps. The Flash Time-
Out period is controlled in the Flash Features Register (0x08). Flash Time-Out only applies to the Flash Mode
operation. The mode bits in the Enable Register (0x0A) are cleared upon a Flash Time-out.
If an I2C command is used to terminate the flash event, TI recommends selecting a flash time-out level 100 ms
above the desired flash duration.
7.3.3.3 Overvoltage Protection (OVP)
The output voltage is limited to typically 5 V (see VOVP in Electrical Characteristics). In situations such as an open
LED, the LM3642 will raise the output voltage in order to keep the LED current at its target value. When VOUT
reaches 5 V (typ.) the overvoltage comparator will trip and turn off the internal NFET. When VOUT falls below the
VOVP Off Threshold, the LM3642 begins switching again. The mode bits in the Enable Register are not cleared
upon an OVP.
7.3.3.4 Current Limit
The LM3642 features selectable inductor current limits that are programmable through the Flash Feature
Register of the I2C-compatible interface. When the inductor current limit is reached, the LM3642 will terminate
the charging phase of the switching cycle.
Since the current limit is sensed in the NMOS switch, there is no mechanism to limit the current when the device
operates in Pass Mode. In Boost Mode or Pass Mode if VOUT falls below 2.3 V, the part stops switching, and the
PFET operates as a current source limiting the current to 300 mA. This prevents damage to the LM3642 and
excessive current draw from the battery during output short-circuit conditions. The mode bits in the Enable
Register (0x0A) are not cleared upon a Current Limit event.
NOTE
Pulling additional current from the VOUT node during normal operation is not
recommended.
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com