Electronic Components Datasheet Search
  English  ▼

X  

LM3642 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3642
Description  LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3642 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3642 Datasheet HTML 5Page - Texas Instruments LM3642 Datasheet HTML 6Page - Texas Instruments LM3642 Datasheet HTML 7Page - Texas Instruments LM3642 Datasheet HTML 8Page - Texas Instruments LM3642 Datasheet HTML 9Page - Texas Instruments LM3642 Datasheet HTML 10Page - Texas Instruments LM3642 Datasheet HTML 11Page - Texas Instruments LM3642 Datasheet HTML 12Page - Texas Instruments LM3642 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
VOVP
PWM
Control
Thermal
Shutdown
+150
oC
IN
VREF
I
2
C
Interface
Error
Amplifier
Slope
Compensation
SDA
SCL
Control
Logic/
Registers
GND
OUT
LED
STROBE
TORCH/TX
SW
80 m:
80 m:
Over Voltage
Comparator
ILED
Soft-Start
4 MHz
Oscillator
UVLO
Input Voltage
Flash Monitor
OUT-VHR
Current Sense/
Current Limit
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The LM3642 is a high-power white LED flash driver capable of delivering up to 1.5 A into a single high-powered
LED. The device incorporates a 4-MHz constant frequency-synchronous current-mode PWM boost converter and
a single high-side current source to regulate the LED current over the 2.5-V to 5.5-V input voltage range.
The LM3642 PWM converter switches and maintains at least VHR across the current source (LED). This
minimum headroom voltage ensures that the current source remains in regulation. If the input voltage is above
the LED voltage + current source headroom voltage, the device does not switch and turns the PFET on
continuously (Pass Mode). In Pass Mode the difference between (VIN – ILED × RPMOS) and the voltage across the
LED is dropped across the current source.
The LM3642 has two logic inputs including a hardware Flash Enable (STROBE) and a Flash Interrupt input
(TX/TORCH) designed to interrupt the flash pulse during high battery current conditions. Both logic inputs have
internal 300-k
Ω (typical) pulldown resistors to GND.
Control of the LM3642 is done via an I2C-compatible interface. This includes adjustment of the Flash and Torch
current levels, changing the Flash Timeout Duration and changing the switch current limit. Additionally, there are
flag and status bits that indicate flash current time-out, LED failure (open/short), device thermal shutdown, and
VIN undervoltage conditions.
7.2 Functional Block Diagram
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com