Electronic Components Datasheet Search
  English  ▼

X  

RT5753 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT5753
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT5753 Datasheet HTML 6Page - Richtek Technology Corporation RT5753 Datasheet HTML 7Page - Richtek Technology Corporation RT5753 Datasheet HTML 8Page - Richtek Technology Corporation RT5753 Datasheet HTML 9Page - Richtek Technology Corporation RT5753 Datasheet HTML 10Page - Richtek Technology Corporation RT5753 Datasheet HTML 11Page - Richtek Technology Corporation RT5753 Datasheet HTML 12Page - Richtek Technology Corporation RT5753 Datasheet HTML 13Page - Richtek Technology Corporation RT5753 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
RT5753
10
DS5753-05 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 6V
Output Voltage ------------------------------------------------------------------------------------------------------------- 0.6V to VIN
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage -----------------------------------------------------------------------------------------------
−0.3V to 6.5V
VIN to SW ------------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
VIN to SW (t
≤ 10ns) ---------------------------------------------------------------------------------------------- −2.5V to 9V
Switch Voltage, SW -----------------------------------------------------------------------------------------------
−0.3V to 6.5V
SW (t
≤ 10ns) ------------------------------------------------------------------------------------------------------- −2.5V to 9V
Other Pins------------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Junction Temperature ---------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
ESD Ratings (Note 2)
ESD Susceptibility
HBM (Human Body Model) --------------------------------------------------------------------------------------- 2kV
Thermal Parameter
WDFN-8L 2x2
WDFN-8SL 2x2
Unit
JA
Junction-to-ambient thermal resistance (JEDEC
standard)
49.5
48.2
C/W
JC(Top)
Junction-to-case (top) thermal resistance
167.1
158.5
C/W
JC(Bottom)
Junction-to-case (bottom) thermal resistance
5.8
5.5
C/W
JA(EVB)
Junction-to-ambient thermal resistance (specific
EVB)
49.7
49.7
C/W
JC(Top)
Junction-to-top characterization parameter
5.01
5.01
C/W
JB
Junction-to-board characterization parameter
30.5
30.5
C/W
 
Thermal Information (Note 4 and Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com