Electronic Components Datasheet Search
  English  ▼

X  

RT5753 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5753
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5753 Datasheet HTML 9Page - Richtek Technology Corporation RT5753 Datasheet HTML 10Page - Richtek Technology Corporation RT5753 Datasheet HTML 11Page - Richtek Technology Corporation RT5753 Datasheet HTML 12Page - Richtek Technology Corporation RT5753 Datasheet HTML 13Page - Richtek Technology Corporation RT5753 Datasheet HTML 14Page - Richtek Technology Corporation RT5753 Datasheet HTML 15Page - Richtek Technology Corporation RT5753 Datasheet HTML 16Page - Richtek Technology Corporation RT5753 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
RT5753
13
DS5753-05 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Table 2. Suggested Component Values
VOUT (V)
RFB1 (k)
RFB2 (k)
CIN1 (F)
L (
H)
COUT (F)
CFF (pF)
3.3
100
22.1
22
1 
44 to 66 
--
1.8
100
50
22 
1 
44 to 66 
‐‐ 
1.5
100
66.6
22 
1 
44 to 66 
‐‐ 
1.2
100
100
22 
1 
44 to 66 
22 
1.05
100
133
22 
1 
44 to 66 
22 
1
100
148
22 
1 
44 to 66 
22 
 
 
Component
Description
Vendor P/N
CIN
22
F, 6.3V, X5R, 0603
GRM188R60J226MEA0D (MURATA)
COUT
22
F, 6.3V, X5R, 0603
GRM188R60J226MEA0D (MURATA)
L
1
H
DFE322512F-1R0M (MURATA)
COUT and CIN : Considering the effective capacitance de-rated with biased voltage level and size, the COUT and CIN
components need to satisfy the effective capacitance which corresponding to recommended external
components.
Table 3. Recommended External Components
FB
PGND
AGND
PG
VIN
EN
SW
VOUT
VIN
L
CIN1
RT5753
RFB1
RFB2
COUT
VPG
3
7
2
8
4, 9 (Exposed pad)
1
6
Chip Enable
CFF*: Optional for performance fine-tune
CIN2
0.1μF
CFF*
RPG
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com