Electronic Components Datasheet Search
  English  ▼

X  

RT5753 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT5753
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT5753 Datasheet HTML 22Page - Richtek Technology Corporation RT5753 Datasheet HTML 23Page - Richtek Technology Corporation RT5753 Datasheet HTML 24Page - Richtek Technology Corporation RT5753 Datasheet HTML 25Page - Richtek Technology Corporation RT5753 Datasheet HTML 26Page - Richtek Technology Corporation RT5753 Datasheet HTML 27Page - Richtek Technology Corporation RT5753 Datasheet HTML 28Page - Richtek Technology Corporation RT5753 Datasheet HTML 29Page - Richtek Technology Corporation RT5753 Datasheet HTML 30Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT5753
28
DS5753-05 November 2023
www.richtek.com
W-Type 8SL DFN 2x2 Package
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
Min.
Max.
Min.
Max.
0.700
0.800
0.028
0.031
0.000
0.050
0.000
0.002
0.175
0.250
0.007
0.010
0.200
0.300
0.008
0.012
1.900
2.100
0.075
0.083
Option1
1.150
1.250
0.045
0.049
Option2
1.550
1.650
0.061
0.065
1.900
2.100
0.075
0.083
Option1
0.750
0.850
0.030
0.033
Option2
0.850
0.950
0.033
0.037
0.250
0.350
0.010
0.014
0.500
0.020
L
b
D
D2
E
E2
e
Symbol
Dimensions In Millimeters
Dimensions In Inches
A
A1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com