Electronic Components Datasheet Search
  English  ▼

X  

RT5753 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5753
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5753 Datasheet HTML 1Page - Richtek Technology Corporation RT5753 Datasheet HTML 2Page - Richtek Technology Corporation RT5753 Datasheet HTML 3Page - Richtek Technology Corporation RT5753 Datasheet HTML 4Page - Richtek Technology Corporation RT5753 Datasheet HTML 5Page - Richtek Technology Corporation RT5753 Datasheet HTML 6Page - Richtek Technology Corporation RT5753 Datasheet HTML 7Page - Richtek Technology Corporation RT5753 Datasheet HTML 8Page - Richtek Technology Corporation RT5753 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
RT5753
2
DS5753-05 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configuration
(TOP VIEW)
WDFN-8L 2x2/WDFN-8SL 2x2
Ordering Information
AGND
EN
SW
NC
FB
PGND
PG
VIN
7
6
5
1
2
3
4
8
9
Package Type
QW: WDFN-8L 2x2 (W-Type)
QWA: WDFN-8SL 2x2 (W-Type)
(Exposed Pad-Option 2)
Lead Plating System
G: Richtek Green Policy Compliant
RT5753
UVP Option
H: Hiccup (For A, B, C, D only)
L: Latched-Off
PWM Operation Mode
A: SS TIME = 1.5m(typ.) & Automatic PSM & Rdischg = 100ohm
B: SS TIME = 1.5m(typ.) & Forced PWM & Rdischg = 100ohm
C: SS TIME = 750μs(typ.) & Automatic PSM & Rdischg = 100ohm
D: SS TIME = 750μs(typ.) & Forced PWM & Rdischg = 100ohm
E: SS TIME = 1.5m(typ.) & Automatic PSM & Rdischg = 50ohm
F: SS TIME = 750μs(typ.) & Automatic PSM & Rdischg = 50ohm
Note :
Richtek products are Richtek Green Policy compliant and compatible with the current requirements of IPC/JEDEC
J-STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com