Electronic Components Datasheet Search
  English  ▼

X  

RT5753 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5753
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5753 Datasheet HTML 7Page - Richtek Technology Corporation RT5753 Datasheet HTML 8Page - Richtek Technology Corporation RT5753 Datasheet HTML 9Page - Richtek Technology Corporation RT5753 Datasheet HTML 10Page - Richtek Technology Corporation RT5753 Datasheet HTML 11Page - Richtek Technology Corporation RT5753 Datasheet HTML 12Page - Richtek Technology Corporation RT5753 Datasheet HTML 13Page - Richtek Technology Corporation RT5753 Datasheet HTML 14Page - Richtek Technology Corporation RT5753 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
RT5753
11
DS5753-05 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VIN Supply Input Operating
Voltage
VIN
2.5
--
6
V
Undervoltage Lockout Threshold
VUVLO
VIN rising
2.15
2.3
2.45
V
Undervoltage Lockout Threshold
Hysteresis
VUVLO
--
300
--
mV
Supply Current (Shutdown)
ISHDN
VEN = 0V, TA = 25°C
--
--
2
A
VEN = 0V
--
--
15
Supply Current (Quiescent)
IQ
VEN = 2V, VFB = 0.7V, not
switching
--
23
35
A
Soft-Start
Soft-Start Time
tSS
0%VOUT to 95%VOUT,
RT5753A/B/E
1
1.5
2.4
ms
0%VOUT to 95%VOUT,
RT5753C/D/F
0.5
0.75
1.2
Enable Voltage
Enable Voltage Threshold
VEN_H
EN high-level input voltage
0.8
--
1.2
V
VEN_L
EN low-level input voltage
0.4
--
0.85
Enable Pull-Low Current
IEN_PL
--
1.5
--
A
Feedback Voltage
Feedback Threshold Voltage
VFB
0.594
0.6
0.606
V
Feedback Input Current
IFB
VFB = 0.6V, TA = 25°C
--
0.1
0.4
µA
Internal MOSFET
High-Side On-Resistance
RDS(ON)_H
--
100
120
m
Low-Side On-Resistance
RDS(ON)_L
--
70
85
Current Limit
High-Side Switch Current Limit
ILIM_H
VIN = 3.6V, VOUT = 1.2V,
L = 1
H, TA = 25C
3.6
4.14
4.8
A
Low-Side Switch Valley Current
Limit
ILIM_L
3
3.45
3.9
Switching Frequency
Switching Frequency
fSW
1
1.2
1.44
MHz
On-Time Timer Control
Minimum Off-Time
tOFF_MIN
--
90
--
ns
Output Voltage Protection
Output Undervoltage Threshold
(RT5753AH/BH/CH/DH : Hiccup)
(RT5753AL/BL/CL/DL/EL/FL :
Latch-Off)
VUVP
--
40
--
%
(VIN = 3.6V. TJ = TA =
−40°C to 125°C. Typical value is tested at TA = 25°C. The limit over temperature is guaranteed by
characterization, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com