Electronic Components Datasheet Search
  English  ▼

X  

DAC900 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC900
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 3 Page - Texas Instruments

  DAC900 Datasheet HTML 1Page - Texas Instruments DAC900 Datasheet HTML 2Page - Texas Instruments DAC900 Datasheet HTML 3Page - Texas Instruments DAC900 Datasheet HTML 4Page - Texas Instruments DAC900 Datasheet HTML 5Page - Texas Instruments DAC900 Datasheet HTML 6Page - Texas Instruments DAC900 Datasheet HTML 7Page - Texas Instruments DAC900 Datasheet HTML 8Page - Texas Instruments DAC900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DAC900-Q1
www.ti.com
SBAS505 – JUNE 2010
ELECTRICAL CHARACTERISTICS
At TA = -40°C to +105°C, +VA = +5V, +VD = +5V, differential transformer coupled output, 50Ω doubly terminated, unless
otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
10
bits
OUTPUT UPDATE RATE
2.7V to 3.3V
125
165
MSPS
Output Update Rate (fCLOCK)
4.5V to 5.5V
165
200
MSPS
STATIC ACCURACY(1)
TA = +25°C
Differential Nonlinearity (DNL)
fCLOCK = 25MSPS, fOUT = 1.0MHz
-0.75
±0.3
+0.75
LSB
TA = +25°C
-1
±0.5
+1
Integral Nonlinearity (INL)
LSB
TA = -40°C to +105°C
-1.5
+1.5
DYNAMIC PERFORMANCE
TA = +25°C
Spurious-Free Dynamic Range (SFDR)
To Nyquist
TA = +25°C
70
76
fOUT = 1.0MHz, fCLOCK = 25MSPS
dBc
TA = -40°C to +105°C
60
76
fOUT = 2.1MHz, fCLOCK = 50MSPS
75
dBc
fOUT = 5.04MHz, fCLOCK = 50MSPS
68
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
68
dBc
fOUT = 20.2MHz, fCLOCK = 100MSPS
62
dBc
fOUT = 25.3MHz, fCLOCK = 125MSPS
62
dBc
fOUT = 41.5MHz, fCLOCK = 125MSPS
53
dBc
fOUT = 27.4MHz, fCLOCK = 165MSPS
59
dBc
fOUT = 54.8MHz, fCLOCK = 165MSPS
53
dBc
Spurious-Free Dynamic Range within a Window
fOUT = 5.04MHz, fCLOCK = 50MSPS
2MHz Span
78
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
4MHz Span
78
dBc
Total Harmonic Distortion (THD)
fOUT = 2.1MHz, fCLOCK = 50MSPS
-74
dBc
fOUT = 2.1MHz, fCLOCK = 125MSPS
-73
dBc
Two Tone
fOUT1 = 13.5MHz, fOUT2 = 14.5MHz, fCLOCK = 100MSPS
60
dBc
Output Settling Time(2)
to 0.1%
30
ns
Output Rise Time(2)
10% to 90%
2
ns
Output Fall Time(2)
90% to 10%
2
ns
Glitch Impulse
3
pV-s
DC-ACCURACY
Full-Scale Output Range(3) (FSR)
All Bits High, IOUT
2
20
mA
Output Compliance Range
-1
+1.25
V
TA = +25°C
-10
±1
+10
Gain Error With Internal Reference
%FSR
TA = -40°C to +105°C
-25
+25
Gain Error With External Reference
-10
±2
+10
%FSR
ppmFSR/
Gain Drift With Internal Reference
±120
°C
TA = +25°C
-0.06
+0.06
Offset Error With Internal Reference
%FSR
TA = -40°C to +105°C
-0.1
+0.1
(1)
At output IOUT, while driving a virtual ground.
(2)
Measured single-ended into 50
Ω Load.
(3)
Nominal full-scale output current is 32x IREF; see Application Section for details.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC900-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com