Electronic Components Datasheet Search
  English  ▼

X  

DAC900 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC900
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC900 Datasheet HTML 4Page - Texas Instruments DAC900 Datasheet HTML 5Page - Texas Instruments DAC900 Datasheet HTML 6Page - Texas Instruments DAC900 Datasheet HTML 7Page - Texas Instruments DAC900 Datasheet HTML 8Page - Texas Instruments DAC900 Datasheet HTML 9Page - Texas Instruments DAC900 Datasheet HTML 10Page - Texas Instruments DAC900 Datasheet HTML 11Page - Texas Instruments DAC900 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
DAC Code
TYPICAL DNL
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
DAC Code
TYPICAL INL
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
SFDR vs f
OUT AT 25MSPS
Frequency (MHz)
90
85
80
75
70
65
60
0
0dBFS
–6dBFS
SFDR vs f
OUT AT 50MSPS
Frequency (MHz)
85
80
75
70
65
60
55
0
–6dBFS
0dBFS
SFDR vs f
OUT AT 100MSPS
Frequency (MHz)
85
80
75
70
65
60
55
50
45
0
0dBFS
–6dBFS
SFDR vs f
OUT AT 125MSPS
Frequency (MHz)
85
80
75
70
65
60
55
50
45
0
0dBFS
–6dBFS
2
4
6
8
10
12
5
10
15
20
25
10
20
30
40
50
10
20
30
40
50
60
DAC900-Q1
SBAS505 – JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS: VD = VA = +5V
At TA = +25°C, Differential IOUT = 20mA, 50Ω double-terminated load, SFDR up to Nyquist, unless otherwise specified
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC900-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com