Electronic Components Datasheet Search
  English  ▼

X  

DAC900 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC900
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 4 Page - Texas Instruments

  DAC900 Datasheet HTML 1Page - Texas Instruments DAC900 Datasheet HTML 2Page - Texas Instruments DAC900 Datasheet HTML 3Page - Texas Instruments DAC900 Datasheet HTML 4Page - Texas Instruments DAC900 Datasheet HTML 5Page - Texas Instruments DAC900 Datasheet HTML 6Page - Texas Instruments DAC900 Datasheet HTML 7Page - Texas Instruments DAC900 Datasheet HTML 8Page - Texas Instruments DAC900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
DAC900-Q1
SBAS505 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = -40°C to +105°C, +VA = +5V, +VD = +5V, differential transformer coupled output, 50Ω doubly terminated, unless
otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ppmFSR/
Offset Drift With Internal Reference
±0.1
°C
TA = +25°C
-0.2
+0.2
Power-Supply Rejection, +VA
%FSR/V
TA = -40°C to +105°C
-1.4
+1.4
TA = +25°C
-0.025
+0.025
Power-Supply Rejection, +VD
%FSR/V
TA = -40°C to +105°C
-0.4
+0.4
Output Noise
IOUT = 20mA, RLOAD = 50Ω
50
pA/
√Hz
Output Resistance
200
k
Ω
Output Capacitance
IOUT, IOUT to Ground
12
pF
REFERENCE
Reference Voltage
+1.24
V
Reference Tolerance
±10
%
ppmFSR/
Reference Voltage Drift
±50
°C
Reference Output Current
10
µA
Reference Input Resistance
1
m
Ω
Reference Input Compliance Range
0.1
1.25
V
Reference Small-Signal Bandwidth(4)
1.3
MHz
DIGITAL INPUTS
Logic Coding
Straight Binary
Latch Command
Rising Edge of Clock
Logic High Voltage, VIH
+VD = +5V
3.5
5
V
Logic Low Voltage, VIL
+VD = +5V
0
1.2
V
Logic High Voltage, VIH
+v = +3V
2
3
V
Logic Low Voltage, VIL
+VD = +3V
0
0.8
V
Logic High Current, IIH
(5)
+VD = +5V
±20
V
Logic Low Current, IIL
+VD = +5V
±20
µA
Input Capacitance
5
pF
POWER SUPPLY
Supply Voltages
+VA
+2.7
+5
+5.5
V
+VD
+2.7
+5
+5.5
V
Supply Current(6)
IVA
24
30
mA
IVA, Power-Down Mode
1.1
2
mA
IVD
8
15
mA
Power Dissipation
+5V, IOUT = 20mA
170
230
mW
+3V, IOUT = 2mA
50
mW
Power-Down Mode
45
mW
Thermal Resistance, qJA
TSSOP-28
50
°C/W
(4)
Reference bandwidth depends on size of external capacitor at the BW pin and signal level.
(5)
Typically 45mA for the PD pin, which has an internal pulldown resistor.
(6)
Measured at fCLOCK = 50MSPS and fOUT = 1.0MHz.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC900-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com