Electronic Components Datasheet Search
  English  ▼

X  

DAC900 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC900
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC900 Datasheet HTML 3Page - Texas Instruments DAC900 Datasheet HTML 4Page - Texas Instruments DAC900 Datasheet HTML 5Page - Texas Instruments DAC900 Datasheet HTML 6Page - Texas Instruments DAC900 Datasheet HTML 7Page - Texas Instruments DAC900 Datasheet HTML 8Page - Texas Instruments DAC900 Datasheet HTML 9Page - Texas Instruments DAC900 Datasheet HTML 10Page - Texas Instruments DAC900 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Current
Sources
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref.
Latches
10-Bit Data Input
D9.......D0
DAC900
FSA
BW
+V
D
+V
A
R
SET
AGND
CLK
DGND
REF
IN
0.1µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF
50Ω
50Ω
20pF
1:1
0.1µF
0.1µF
+5V
+5V
t2
t1
tS
tH
tSET
tPD
CLOCK
D13 D0
Iout or
Iout
Data Changes
Stable Valid Data
Data Changes
SYMBOL
t1
Clock Pulse HIGH Time
t2
Clock Pulse LOW Time
tS
Data Setup Time
tH
Data Hold Time
tPD
Propagation Delay Time
tSET
Output Settling Time to 0.1%
DESCRIPTION
MIN
TYP
MAX
UNIT
ns
ns
ns
ns
ns
ns
1
30
1
1.5
3
3
DAC900-Q1
www.ti.com
SBAS505 – JUNE 2010
Typical Connection Circuit
Timing Diagram
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC900-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com