Electronic Components Datasheet Search
  English  ▼

X  

DAC900 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC900
Description  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC900 Datasheet HTML 2Page - Texas Instruments DAC900 Datasheet HTML 3Page - Texas Instruments DAC900 Datasheet HTML 4Page - Texas Instruments DAC900 Datasheet HTML 5Page - Texas Instruments DAC900 Datasheet HTML 6Page - Texas Instruments DAC900 Datasheet HTML 7Page - Texas Instruments DAC900 Datasheet HTML 8Page - Texas Instruments DAC900 Datasheet HTML 9Page - Texas Instruments DAC900 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
DAC900-Q1
SBAS505 – JUNE 2010
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NO.
NAME
1
Bit 1
Data Bit 1 (D9), MSB
2
Bit 2
Data Bit 2 (D8)
3
Bit 3
Data Bit 3 (D7)
4
Bit 4
Data Bit 4 (D6)
5
Bit 5
Data Bit 5 (D5)
6
Bit 6
Data Bit 6 (D4)
7
Bit 7
Data Bit 7 (D3)
8
Bit 8
Data Bit 8 (D2)
9
Bit 9
Data Bit 9 (D1)
10
Bit 10
Data Bit 10 (D0), LSB
11
NC
No Connection
12
NC
No Connection
13
NC
No Connection
14
NC
No Connection
Power Down, Control Input; Active HIGH. Contains internal pull-down circuit; may be left unconnected if not
15
PD
used.
16
INT/EXT
Reference Select Pin; Internal ( = 0) or External ( = 1) Reference Operation.
17
REFIN
Reference Input/Ouput. See Applications section for further details.
18
FSA
Full-Scale Output Adjust
19
BW
Bandwidth/Noise Reduction: Bypass with 0.1mF to +VA for Optimum Performance.
20
AGND
Analog Ground
21
IOUT
Complementary DAC Current Output
22
IOUT
DAC Current Output
23
BYP
Bypass Node: Use 0.1mF to AGND
24
+VA
Analog Supply Voltage, 2.7V to 5.5V
25
NC
No Connection
26
DGND
Digital Ground
27
+VD
Digital Supply Voltage, 2.7V to 5.5V
28
CLK
Clock Input
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC900-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com