Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2841
Description  LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2841 Datasheet(HTML) 3 Page - Texas Instruments

  LM2841 Datasheet HTML 1Page - Texas Instruments LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
CB
6
SW
2
GND
5
VIN
3
FB
4
SHDN
Not to scale
3
LM2840-Q1, LM2841-Q1, LM2842-Q1
www.ti.com
SNVSBE5 – APRIL 2019
Product Folder Links: LM2840-Q1 LM2841-Q1 LM2842-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DDC Package
6-Pin SOT
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
CB
I
SW FET gate bias voltage. Connect CBOOT capacitor between CB and SW.
2
GND
—
Ground connection
3
FB
I
Feedback pin: Set feedback voltage divider ratio with VOUT = VFB (1 + (R1 / R2)). Resistors must be from
100 Ω to 10 kΩ to avoid input bias errors.
4
SHDN
I
Logic level shutdown input. Pull to GND to disable the device and pull high to enable the device. If this function
is not used tie to VIN . DO NOT ALLOW TO FLOAT.
5
VIN
I
Power input voltage pin: 4.5-V to 42-V normal operating range.
6
SW
O
Power FET output: Connect to inductor, diode, and CBOOT capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com