Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2841
Description  LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2841 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments LM2841 Datasheet HTML 10Page - Texas Instruments LM2841 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1.0
1.6
2.2
2.8
3.4
4.0
800
600
400
200
0
SHDN PIN VOLTAGE (V)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
LOAD CURRENT (mA)
VIN = 12V
VIN = 24V
0.0
0.1
0.2
0.3
LOAD CURRENT (A)
0
20
40
60
80
100
VIN = 36V
VIN = 12V
VIN = 24V
0.0
0.1
0.2
0.3
LOAD CURRENT (A)
0
20
40
60
80
100
VIN = 12V
VIN = 24V
0.4
0.5
0.6
VIN = 36V
7
LM2840-Q1, LM2841-Q1, LM2842-Q1
www.ti.com
SNVSBE5 – APRIL 2019
Product Folder Links: LM2840-Q1 LM2841-Q1 LM2842-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.6 Typical Characteristics
The part numbers in this section represent both the Q1 and non-Q1 versions of the respective parts.
LM2842X
VOUT = 3.3 V
Figure 1. Efficiency vs Load Current
LM2841X
VOUT = 3.3 V
Figure 2. Efficiency vs Load Current
LM2840X
VOUT = 8 V
Figure 3. Efficiency vs Load Current
X option
Figure 4. Switching Frequency vs Temperature
Figure 5. Input UVLO Voltage vs Temperature
Soft-Start Implementation
LM284[0,1]
Figure 6. Switch Current Limit vs SHDN Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com