Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2841
Description  LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2841 Datasheet(HTML) 4 Page - Texas Instruments

  LM2841 Datasheet HTML 1Page - Texas Instruments LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LM2840-Q1, LM2841-Q1, LM2842-Q1
SNVSBE5 – APRIL 2019
www.ti.com
Product Folder Links: LM2840-Q1 LM2841-Q1 LM2842-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD (MAX) = (TJ(MAX) − TA) / RθJA. Exceeding the maximum allowable power dissipation causes excessive die temperature, and
the regulator goes into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage. Thermal
shutdown engages at TJ=175°C (typical) and disengages at TJ= 155°C (typical).
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
VIN
–0.3
45
V
SHDN
–0.3
(VIN + 0.3 V) < 45
V
SW voltage
–0.3
45
V
CB voltage above SW voltage
7
V
FB voltage
–0.3
5
V
Power dissipation(3)
Internally Limited
Maximum junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
HBM ESD Classification Level 2
±2000
V
(1)
All limits specified at room temperature (TA = 25°C) unless otherwise specified. All room temperature limits are 100% production tested.
All limits at temperature extremes are ensured through correlation using standard Statistical Quality Control (SQC) methods. All limits
are used to calculate Average Outgoing Quality Level (AOQL).
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature(1)
–40
125
°C
Input voltage VIN
4.5
42
V
SW voltage
42
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance to JESD 51-7.
(3)
Thermal Resistances were simulated on a 4-layer, JEDEC board
6.4 Thermal Information
THERMAL METRIC(1)
LM284x-Q1
UNIT
DDC (SOT)
6 PINS
RθJA
Junction-to-ambient thermal resistance(2)(3)
121
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
94
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com