Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2841
Description  LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2841 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments LM2841 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LM2840-Q1, LM2841-Q1, LM2842-Q1
SNVSBE5 – APRIL 2019
www.ti.com
Product Folder Links: LM2840-Q1 LM2841-Q1 LM2842-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
Specifications are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are specified through test, design,
or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 12 V.
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVP
Undervoltage lockout
thresholds
On threshold
3.7
V
TJ = −40°C to 125°C
4.4
Off threshold
3.5
TJ = −40°C to 125°C
3.25
V SHDN
Shutdown threshold
Device ON
1
V
TJ = −40°C to 125°C
2.3
Device OFF
0.9
TJ = −40°C to 125°C
0.3
ISHDN
Shutdown pin input bias
current
VSHDN = 2.3 V
(6)
0.05
µA
TJ = −40°C to 125°C
1.5
VSHDN = 0 V
0.02
TJ = −40°C to 125°C
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com