Electronic Components Datasheet Search
  English  ▼

X  

LM2841 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2841
Description  LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2841 Datasheet(HTML) 5 Page - Texas Instruments

  LM2841 Datasheet HTML 1Page - Texas Instruments LM2841 Datasheet HTML 2Page - Texas Instruments LM2841 Datasheet HTML 3Page - Texas Instruments LM2841 Datasheet HTML 4Page - Texas Instruments LM2841 Datasheet HTML 5Page - Texas Instruments LM2841 Datasheet HTML 6Page - Texas Instruments LM2841 Datasheet HTML 7Page - Texas Instruments LM2841 Datasheet HTML 8Page - Texas Instruments LM2841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LM2840-Q1, LM2841-Q1, LM2842-Q1
www.ti.com
SNVSBE5 – APRIL 2019
Product Folder Links: LM2840-Q1 LM2841-Q1 LM2842-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
All limits specified at room temperature (TA = 25°C) unless otherwise noted. Room temperature limits are production tested. Limits at
temperature extremes are ensured through correlation using standard Statistical Quality Control (SQC) methods. Limits are used to
calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
The part numbers in this table represent both the Q1 and non-Q1 versions of the respective parts.
(4)
Includes the bond wires, RDSON from VIN pin to SW pin.
(5)
Current limit at 0% duty cycle. May be lower at higher duty cycle or input voltages below 6 V.
(6)
Bias currents flow into pin.
(7)
Minimum ON-time specified by design and simulation.
6.5 Electrical Characteristics
Specifications are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are specified through test, design,
or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 12 V.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
Quiescent current
SHDN = 0 V
16
µA
TJ = −40°C to 125°C
40
Device ON, not switching
1.3
mA
TJ = −40°C to 125°C
1.75
Device ON, no load
1.35
TJ = −40°C to 125°C
1.85
RDSON
Switch ON resistance
See (4)
0.9
Ω
TJ = −40°C to 125°C
1.6
ILSW
Switch leakage current
VIN = 42 V
0
µA
TJ = −40°C to 125°C
0.5
ICL
Switch current limit
LM2840(5)
525
mA
TJ = −40°C to 125°C
900
LM2841(5)
525
mA
TJ = −40°C to 125°C
900
LM2842(5)
1.15
A
TJ = −40°C to 125°C
1.7
IFB
Feedback pin bias current
LM284[0,1,2](6)
0.1
µA
TJ = −40°C to 125°C
1
VFB
FB Pin reference voltage
0.765
V
TJ = −40°C to 125°C
0.747
0.782
tON(min)
Minimum ON-time
See (7)
100
ns
TJ = −40°C to 125°C
150
tOFF(min)
Minimum OFF-time
X option
110
ns
TJ = −40°C to 125°C
370
Y option
104
ns
TJ = −40°C to 125°C
200
fSW
Switching frequency
X option, VFB = 0.5 V
550
kHz
TJ = −40°C to 125°C
325
750
X option, VFB = 0 V
140
Y option, VFB = 0.5 V
1.25
MHz
TJ = −40°C to 125°C
0.95
1.5
Y option, VFB = 0 V
0.35
DMAX
Maximum duty cycle
X option
94%
TJ = −40°C to 125°C
88%
Y option
87%
TJ = −40°C to 125°C
81%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com