Electronic Components Datasheet Search
  English  ▼

X  

LM71 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM71
Description  LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM71 Datasheet(HTML) 2 Page - Texas Instruments

  LM71 Datasheet HTML 1Page - Texas Instruments LM71 Datasheet HTML 2Page - Texas Instruments LM71 Datasheet HTML 3Page - Texas Instruments LM71 Datasheet HTML 4Page - Texas Instruments LM71 Datasheet HTML 5Page - Texas Instruments LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM71
1
2
3
4
5
CS
GND
SI/O
SC
V
+
LM71
1
2
3
4
6
CS
GND
SI/O
SC
V
+
5
GND
2
LM71, LM71-Q1
SNIS125E – MARCH 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LM71 LM71-Q1
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
3.1 Connection Diagram
Figure 1. 5-Pin SOT-23
See Package Number DBV
Figure 2. 6-Pin WSON No Pull-Back
See Package Number NGG0006A
Table 1. PIN DESCRIPTIONS
Label
Pin Number
Function
Typical Connection
SOT-23-5
WSON-6
CS
1
4
Chip Select input
From controller
GND
2
2, 5
Power Supply Ground
Connect all GND Pins to ground
SI/O
3
3
Slave Input/Output - Serial bus bi-directional
data line. Schmitt trigger input.
From and to controller
SC
4
1
Slave Clock - Serial bus clock Schmitt trigger
input line
From controller
V+
5
6
Positive Supply Voltage Input
DC voltage from 2.65V to 5.5V. Bypass with
a 0.1 μF ceramic capacitor.
3.2 Typical Application
Figure 3. COP Microcontroller Interface
3.1 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
3.2 Trademarks
All trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com