Electronic Components Datasheet Search
  English  ▼

X  

LM71 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM71
Description  LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM71 Datasheet(HTML) 4 Page - Texas Instruments

  LM71 Datasheet HTML 1Page - Texas Instruments LM71 Datasheet HTML 2Page - Texas Instruments LM71 Datasheet HTML 3Page - Texas Instruments LM71 Datasheet HTML 4Page - Texas Instruments LM71 Datasheet HTML 5Page - Texas Instruments LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
LM71, LM71-Q1
SNIS125E – MARCH 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LM71 LM71-Q1
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
Device Number
Thermal Resistance (θJA)
LM71CIMF/LM71QCIMF
250°C/W
LM71CISD
57.6°C/W
(1)
The LM71 will operate properly over the V+ supply voltage range of 2.65V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(4)
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an
error of 0.64°C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
(5)
Following a power on reset, the user must allow at least 270 ms before making the first read transaction to ensure a first valid
temperature read. After the first read, in order to ensure an accurate temperature result, the time interval between any two consecutive
temperature reads must be greater than the maximum conversion time of 270 ms. For more information, refer to SNLA296.
6 Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V(1). Boldface limits apply for T
A = TJ = TMIN to
TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Parameter
Conditions
Typical(2)
LM71CIMF
LM71CISD
Limits(3)
Units
(Limit)
Temperature Error(1)(4)
TA = −10°C to +65°C
±1.5
°C (max)
TA = −40°C to +85°C
±2.0
°C (max)
TA = −40°C to +150°C
+3/
−2
°C (max)
Resolution
14
0.03125
Bits
°C
Temperature Conversion Time
See(5)
200
270
ms (max)
Quiescent Current
Serial Bus Inactive
300
550
μA (max)
(1)
The LM71 will operate properly over the V+ supply voltage range of 2.65V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are ensured to AOQL (Average Outgoing Quality Level).
7 Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V(1). Boldface limits apply for T
A = TJ = TMIN to
TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
Units (Limit)
VIN(1)
Logical “1” Input Voltage
V+ × 0.7
V (min)
V+ + 0.3
V (max)
VIN(0)
Logical “0” Input Voltage
−0.3
V (min)
V+ × 0.3
V (max)
Input Hysteresis Voltage
V+ = 3.0V to 3.6V
0.4
0.33
V (min)
IIN(1)
Logical “1” Input Current
VIN = V
+
0.005
3.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−3.0
μA (min)
CIN
All Digital Inputs
20
pF
VOH
High Level Output Voltage
IOH = −400 μA
2.4
V (min)
VOL
Low Level Output Voltage
IOL = +2 mA
0.4
V (max)
IO_TRI-STATE
TRI-STATE Output Leakage Current
VO = GND
VO = V
+
−1
+1
μA (min)
μA (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com