Electronic Components Datasheet Search
  English  ▼

X  

LM71 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM71
Description  LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM71 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM71 Datasheet HTML 5Page - Texas Instruments LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments LM71 Datasheet HTML 10Page - Texas Instruments LM71 Datasheet HTML 11Page - Texas Instruments LM71 Datasheet HTML 12Page - Texas Instruments LM71 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
LM71, LM71-Q1
www.ti.com
SNIS125E – MARCH 2004 – REVISED AUGUST 2018
Product Folder Links: LM71 LM71-Q1
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
9.3 TEMPERATURE DATA FORMAT
Temperature data is represented by a 14-bit, two's complement word with an LSB (Least Significant Bit) equal to
0.03125°C:
Temperature
Digital Output
Binary
Hex
+150°C
0100 1011 0000 0011
4B03
+125°C
0011 1110 1000 0011
3E83
+25°C
0000 1100 1000 0011
0C83
+0.03125°C
0000 0000 0000 0111
0007
0°C
0000 0000 0000 0011
0003
−0.03125°C
1111 1111 1111 1111
FFFF
−25°C
1111 0011 1000 0011
F383
−40°C
1110 1100 0000 0011
EC03
The first data byte is the most significant byte with most significant bit first, permitting only as much data as
necessary to be read to determine temperature condition. For instance, if the first four bits of the temperature
data indicate an overtemperature condition, the host processor could immediately take action to remedy the
excessive temperatures.
9.4 SHUTDOWN MODE/MANUFACTURER'S ID
Shutdown mode is enabled by writing XX FF to the LM71 as shown in Figure 13. The serial bus is still active
when the LM71 is in shutdown. When in shutdown mode the LM71 always will output 1000 0000 0000 1111. This
is the manufacturer's/Device ID information. The first 5-bits of the field (1000 0XXX) are reserved for
manufacturer's ID.
9.5 INTERNAL REGISTER STRUCTURE
The LM71 has three registers, the temperature register, the configuration register and the manufacturer's/device
identification register. The temperature and manufacturer's/device identification registers are read only. The
configuration register is write only.
9.5.1 Configuration Register
(Selects shutdown or continuous conversion modes):
Table 2. (Write Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
Shutdown
D0–D15 set to XX FF hex enables shutdown mode.
D0–D15 set to 00 00 hex sets Continuous conversion mode.
Note: setting D0-D15 to any other values may place the LM70 into a manufacturer's test mode, upon which the
LM71 will stop responding as described. These test modes are to be used for TI production testing only. See
SERIAL BUS INTERFACE for a complete discussion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com