Electronic Components Datasheet Search
  English  ▼

X  

LM71 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM71
Description  LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM71 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments LM71 Datasheet HTML 10Page - Texas Instruments LM71 Datasheet HTML 11Page - Texas Instruments LM71 Datasheet HTML 12Page - Texas Instruments LM71 Datasheet HTML 13Page - Texas Instruments LM71 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
LM71, LM71-Q1
SNIS125E – MARCH 2004 – REVISED AUGUST 2018
www.ti.com
Product Folder Links: LM71 LM71-Q1
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
9.5.2 Temperature Register
Table 3. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit1
LSB
1
1
D0–D1: Logic 1 will be output on SI/0.
D2–D15: Temperature Data. One LSB = 0.03125°C. Two's complement format.
9.5.3 Manufacturer/Device ID Register
Table 4. (Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
D0–D1: Logic 1 will be output on SI/0.
D2–D15: Manufacturer's/Device ID Data. This register is accessed whenever the LM71 is in shutdown mode.
9.6 Serial Bus Timing Diagrams
Figure 11. Reading Continuous Conversion - Single Eight-Bit Frame
Figure 12. Reading Continuous Conversion - Two Eight-Bit Frames
Figure 13. Writing Shutdown Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com