Electronic Components Datasheet Search
  English  ▼

X  

LM71 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM71
Description  LM71/LM71-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM71 Datasheet(HTML) 5 Page - Texas Instruments

  LM71 Datasheet HTML 1Page - Texas Instruments LM71 Datasheet HTML 2Page - Texas Instruments LM71 Datasheet HTML 3Page - Texas Instruments LM71 Datasheet HTML 4Page - Texas Instruments LM71 Datasheet HTML 5Page - Texas Instruments LM71 Datasheet HTML 6Page - Texas Instruments LM71 Datasheet HTML 7Page - Texas Instruments LM71 Datasheet HTML 8Page - Texas Instruments LM71 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SC
SO
CS
t5
30%
70%
70%
SC
70%
30%
70%
30%
70%
30%
SO
CS
t3
t2
t4
t4
70%
30%
tf
tr
30%
70%
5
LM71, LM71-Q1
www.ti.com
SNIS125E – MARCH 2004 – REVISED AUGUST 2018
Product Folder Links: LM71 LM71-Q1
Submit Documentation Feedback
Copyright © 2004–2018, Texas Instruments Incorporated
(1)
The LM71 will operate properly over the V+ supply voltage range of 2.65V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are ensured to AOQL (Average Outgoing Quality Level).
SERIAL BUS DIGITAL SWITCHING CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V(1); C
L (load capacitance) on output lines = 100 pF
unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless
otherwise noted.
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
Units
(Limit)
t1
SC (Clock) Period
0.16
DC
μs (min)
(max)
t2
CS Low to SC (Clock) High Set-Up Time
100
ns (min)
t3
CS Low to Data Out (SO) Delay
70
ns (max)
t4
SC (Clock) Low to Data Out (SO) Delay
70
ns (max)
t5
CS High to Data Out (SO) TRI-STATE
200
ns (max)
t6
SC (Clock) High to Data In (SI) Hold Time
50
ns (min)
t7
Data In (SI) Set-Up Time to SC (Clock) High
30
ns (min)
tr
SC (Clock) Rise Time
100
ns (max)
tf
SC (Clock) Fall Time
100
ns (max)
Figure 4. Data Output Timing Diagram
Figure 5. TRI-STATE Data Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com