Electronic Components Datasheet Search
  English  ▼

X  

LM90 Datasheet(PDF) 23 Page - Texas Instruments

Part # LM90
Description  LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM90 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM90 Datasheet HTML 19Page - Texas Instruments LM90 Datasheet HTML 20Page - Texas Instruments LM90 Datasheet HTML 21Page - Texas Instruments LM90 Datasheet HTML 22Page - Texas Instruments LM90 Datasheet HTML 23Page - Texas Instruments LM90 Datasheet HTML 24Page - Texas Instruments LM90 Datasheet HTML 25Page - Texas Instruments LM90 Datasheet HTML 26Page - Texas Instruments LM90 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LM90
www.ti.com
SNIS126A – MAY 2004 – REVISED MARCH 2013
Figure 18. Compensating for an Untargeted Non-Ideality Factor
Temperature errors associated with non-ideality may be reduced in a specific temperature range of concern
through use of the offset registers (11h and 12h). Figure 18 shows how the offset register may be used to
compensate for the non-ideality errors shown in Figure 17. For the case of non-ideality=1.008, the offset register
was set to
−0.5°C resulting in the calculated residual error as shown in Figure 18. This offset has resulted in an
error of less than 0.05°C for the temperatures measured in the critical range between 60 to 100°C. This method
yeilds a first order correction factor.
PCB LAYOUT for MINIMIZING NOISE
Figure 19. Ideal Diode Trace Layout
In a noisy environment, such as a processor mother board, layout considerations are very critical. Noise induced
on traces running between the remote temperature diode sensor and the LM90 can cause temperature
conversion errors. Keep in mind that the signal level the LM90 is trying to measure is in microvolts. The following
guidelines should be followed:
1. Place a 0.1 µF power supply bypass capacitor as close as possible to the VDDpin and the recommended 2.2
nF capacitor as close as possible to the LM90's D+ and D
− pins. Make sure the traces to the 2.2nF capacitor
are matched.
2. The recommended 2.2nF diode bypass capacitor actually has a range of TBDpF to 3.3nF. The average
temperature accuracy will not degrade. Increasing the capacitance will lower the corner frequency where
differential noise error affects the temperature reading thus producing a reading that is more stable.
Conversely, lowering the capacitance will increase the corner frequency where differential noise error affects
the temperature reading thus producing a reading that is less stable.
3. Ideally, the LM90 should be placed within 10cm of the Processor diode pins with the traces being as straight,
short and identical as possible. Trace resistance of 1
Ω can cause as much as 1°C of error. This error can be
compensated by using the Remote Temperature Offset Registers, since the value placed in these registers
will automatically be subtracted from or added to the remote temperature reading.
4. Diode traces should be surrounded by a GND guard ring to either side, above and below if possible. This
GND guard should not be between the D+ and D
− lines. In the event that noise does couple to the diode
lines it would be ideal if it is coupled common mode. That is equally to the D+ and D
− lines.
5. Avoid routing diode traces in close proximity to power supply switching or filtering inductors.
6. Avoid running diode traces close to or parallel to high speed digital and bus lines. Diode traces should be
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com