Electronic Components Datasheet Search
  English  ▼

X  

LM90 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM90
Description  LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM90 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM90 Datasheet HTML 8Page - Texas Instruments LM90 Datasheet HTML 9Page - Texas Instruments LM90 Datasheet HTML 10Page - Texas Instruments LM90 Datasheet HTML 11Page - Texas Instruments LM90 Datasheet HTML 12Page - Texas Instruments LM90 Datasheet HTML 13Page - Texas Instruments LM90 Datasheet HTML 14Page - Texas Instruments LM90 Datasheet HTML 15Page - Texas Instruments LM90 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LM90
SNIS126A – MAY 2004 – REVISED MARCH 2013
www.ti.com
3. Remote Diode Temperature set to 0°C until the end of the first conversion.
4. Status Register set to 00h.
5. Configuration register set to 00h; ALERT enabled, Remote T_CRIT alarm enabled and Local T_CRIT alarm
enabled
6. 85°C Local and Remote T_CRIT temperature setpoints
7. 70°C Local and Remote HIGH temperature setpoints
8. 0°C Local and Remote LOW temperature setpoints
9. Filter and Alert Configure Register set to 00h; filter disabled, ALERT output set as an SMBus ALERT
10. Conversion Rate Register set to 8h; conversion rate set to 16 conv./sec.
SMBus INTERFACE
The LM90 operates as a slave on the SMBus, so the SMBCLK line is an input and the SMBData line is bi-
directional. The LM90 never drives the SMBCLK line and it does not support clock stretching. According to
SMBus specifications, the LM90 has a 7-bit slave address. All bits A6 through A0 are internally programmed and
can not be changed by software or hardware.
The complete slave address is:
A6
A5
A4
A3
A2
A1
A0
1
0
0
1
1
0
0
TEMPERATURE DATA FORMAT
Temperature data can only be read from the Local and Remote Temperature registers; the setpoint registers
(T_CRIT, LOW, HIGH) are read/write.
Remote temperature data is represented by an 11-bit, two's complement word with an LSB (Least Significant Bit)
equal to 0.125°C. The data format is a left justified 16-bit word available in two 8-bit registers:
Temperature
Digital Output
Binary
Hex
+125°C
0111 1101 0000 0000
7D00h
+25°C
0001 1001 0000 0000
1900h
+1°C
0000 0001 0000 0000
0100h
+0.125°C
0000 0000 0010 0000
0020h
0°C
0000 0000 0000 0000
0000h
−0.125°C
1111 1111 1110 0000
FFE0h
−1°C
1111 1111 0000 0000
FF00h
−25°C
1110 0111 0000 0000
E700h
−55°C
1100 1001 0000 0000
C900h
Local Temperature data is represented by an 8-bit, two's complement byte with an LSB (Least Significant Bit)
equal to 1°C:
Temperature
Digital Output
Binary
Hex
+125°C
0111 1101
7Dh
+25°C
0001 1001
19h
+1°C
0000 0001
01h
0°C
0000 0000
00h
−1°C
1111 1111
FFh
−25°C
1110 0111
E7h
−55°C
1100 1001
C9h
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com