Electronic Components Datasheet Search
  English  ▼

X  

LM90 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM90
Description  LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM90 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM90 Datasheet HTML 11Page - Texas Instruments LM90 Datasheet HTML 12Page - Texas Instruments LM90 Datasheet HTML 13Page - Texas Instruments LM90 Datasheet HTML 14Page - Texas Instruments LM90 Datasheet HTML 15Page - Texas Instruments LM90 Datasheet HTML 16Page - Texas Instruments LM90 Datasheet HTML 17Page - Texas Instruments LM90 Datasheet HTML 18Page - Texas Instruments LM90 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LM90
www.ti.com
SNIS126A – MAY 2004 – REVISED MARCH 2013
DIGITAL FILTER
In order to suppress erroneous remote temperature readings due to noise, the LM90 incorporates a user-
configured digital filter. The filter is accessed in the FILTER and ALERT CONFIGURE REGISTER at BFh. The
filter can be set according to the following table.
D2
D1
Filter
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
Level 2 sets maximum filtering.
Figure 12 depict the filter output to in response to a step input and an impulse input. Figure 13 depicts the digital
filter in use in a Pentium 4 processor system. Note that the two curves, with filter and without, have been
purposely offset so that both responses can be clearly seen. Inserting the filter does not induce an offset as
shown.
Filter Output Response to a Step Input
Figure 11. a) Step Response
Figure 12. b) Impulse Response
The filter on and off curves were purposely offset to better show noise performance.
Figure 13. Digital Filter Response in a Pentium 4 processor System
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com