Electronic Components Datasheet Search
  English  ▼

X  

LM90 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM90
Description  LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM90 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM90 Datasheet HTML 7Page - Texas Instruments LM90 Datasheet HTML 8Page - Texas Instruments LM90 Datasheet HTML 9Page - Texas Instruments LM90 Datasheet HTML 10Page - Texas Instruments LM90 Datasheet HTML 11Page - Texas Instruments LM90 Datasheet HTML 12Page - Texas Instruments LM90 Datasheet HTML 13Page - Texas Instruments LM90 Datasheet HTML 14Page - Texas Instruments LM90 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LM90
www.ti.com
SNIS126A – MAY 2004 – REVISED MARCH 2013
fan started, setpoint limits adjusted, etc.
8. Master resets the ALERT mask (D7 in the Configuration register).
The ARA, 000 1100, is a general call address. No device should ever be assigned this address.
Bit D0 (the ALERT configure bit) in the FILTER and ALERT CONFIGURE REGISTER (xBF) must be set low in
order for the LM90 to respond to the ARA command.
The ALERT output can be disabled by setting the ALERT mask bit, D7, of the Configuration register. The power
on default is to have the ALERT mask bit and the ALERT configure bit low.
Figure 6. ALERT Output as an SMBus ALERT Temperature Response Diagram
T_CRIT_A OUTPUT and T_CRIT LIMIT
T_CRIT_A is activated when any temperature reading is greater than the limit preset in the critical temperature
setpoint register (T_CRIT), as shown in Figure 7. The Status Register can be read to determine which event
caused the alarm. A bit in the Status Register is set high to indicate which temperature reading exceeded the
T_CRIT setpoint temperature and caused the alarm, see STATUS REGISTER (SR).
Local and remote temperature diodes are sampled in sequence by the A/D converter. The T_CRIT_A output and
the Status Register flags are updated after every Local and Remote temperature conversion. T_CRT_A follows
the state of the comparison, it is reset when the temperature falls below the setpoint RCS-TH. The Status
Register flags are reset only after the Status Register is read and if a temperature conversion(s) is/are below the
T_CRIT setpoint, as shown in Figure 7
Figure 7. T_CRIT_A Temperature Response Diagram
POWER ON RESET DEFAULT STATES
LM90 always powers up to these known default states. The LM90 remains in these states until after the first
conversion.
1. Command Register set to 00h
2. Local Temperature set to 0°C
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com