Electronic Components Datasheet Search
  English  ▼

X  

LM90 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM90
Description  LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM90 Datasheet(HTML) 5 Page - Texas Instruments

  LM90 Datasheet HTML 1Page - Texas Instruments LM90 Datasheet HTML 2Page - Texas Instruments LM90 Datasheet HTML 3Page - Texas Instruments LM90 Datasheet HTML 4Page - Texas Instruments LM90 Datasheet HTML 5Page - Texas Instruments LM90 Datasheet HTML 6Page - Texas Instruments LM90 Datasheet HTML 7Page - Texas Instruments LM90 Datasheet HTML 8Page - Texas Instruments LM90 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM90
www.ti.com
SNIS126A – MAY 2004 – REVISED MARCH 2013
Temperature-to-Digital Converter Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD= +3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ = TMIN ≤
TA ≤ TMAX; all other limits TA= TJ= +25°C, unless otherwise noted.
Typical(1)
Limits(2)
Units
Parameter
Conditions
(Limit)
Conversion Time of All Temperatures at the Fastest
See (4)
31.25
34.4
ms (max)
Setting
Quiescent Current (5)
SMBus Inactive, 16Hz conversion
0.8
1.7
mA (max)
rate
Shutdown
315
µA
D
− Source Voltage
0.7
V
Diode Source Current
(D+
− D−)=+ 0.65V; high level
160
315
µA (max)
110
µA (min)
Low level
13
20
µA (max)
7
µA (min)
ALERT and T_CRIT_A Output Saturation Voltage
IOUT = 6.0 mA
0.4
V (max)
Power-On Reset Threshold
Measure on VDD input, falling edge
2.4
V (max)
1.8
V (min)
Local and Remote HIGH Default Temperature
See (6)
+70
°C
settings
Local and Remote LOW Default Temperature
See (6)
0
°C
settings
Local and Remote T_CRIT Default Temperature
See (6)
+85
°C
Setting
(4)
This specification is provided only to indicate how often temperature data is updated. The LM90 can be read at any time without regard
to conversion state (and will yield last conversion result).
(5)
Quiescent current will not increase substantially with an SMBus.
(6)
Default values set at power up.
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD= +3.0 to 3.6 Vdc. Boldface limits apply for TA = TJ = TMIN to
TMAX; all other limits TA= TJ= +25°C, unless otherwise noted.
Typical(1)
Limits(2)
Units
Symbol
Parameter
Conditions
(Limit)
SMBData, SMBCLK INPUTS
VIN(1)
Logical “1” Input Voltage
2.1
V (min)
VIN(0)
Logical “0”Input Voltage
0.8
V (max)
VIN(HYST)
SMBData and SMBCLK Digital Input
400
mV
Hysteresis
IIN(1)
Logical “1” Input Current
VIN = VDD
0.005
±10
µA (max)
IIN(0)
Logical “0” Input Current
VIN = 0 V
−0.005
±10
µA (max)
CIN
Input Capacitance
5
pF
ALL DIGITAL OUTPUTS
IOH
High Level Output Current
VOH = VDD
10
µA (max)
VOL
SMBus Low Level Output Voltage
IOL = 4mA
0.4
V (max)
IOL = 6mA
0.6
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com