Electronic Components Datasheet Search
  English  ▼

X  

G3NA Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G3NA
Description  Solid State Relays
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G3NA Datasheet HTML 3Page - Omron Electronics LLC G3NA Datasheet HTML 4Page - Omron Electronics LLC G3NA Datasheet HTML 5Page - Omron Electronics LLC G3NA Datasheet HTML 6Page - Omron Electronics LLC G3NA Datasheet HTML 7Page - Omron Electronics LLC G3NA Datasheet HTML 8Page - Omron Electronics LLC G3NA Datasheet HTML 9Page - Omron Electronics LLC G3NA Datasheet HTML 10Page - Omron Electronics LLC G3NA Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
G3NA
7
One Cycle Surge Current
The values shown by the solid line are for non-repetitive inrush currents.
Keep the inrush current below the values shown by the dotted line if it occurs repetitively.
60
40
20
0
5,000
1,000
500
200
100
50
30
10
Energized time (ms)
150
100
50
0
5,000
1,000
500
200
100
50
30
10
Energized time (ms)
200
150
100
50
0
5,000
1,000
500
200
100
50
30
10
Energized time (ms)
400
300
200
100
0
5,000
1,000
500
200
100
50
30
10
Energized time (ms)
G3NA-205B-UTU
G3NA-210B-UTU
G3NA-410B-UTU
G3NA-220B-UTU
G3NA-225B-UTU
G3NA-420B-UTU
G3NA-425B-UTU-2
G3NA-240B-UTU
G3NA-250B-UTU
G3NA-440B-UTU-2
G3NA-450B-UTU-2
900
800
700
600
500
400
300
200
100
0
1,000
100
50
300
30
10
Energized time (ms)
1,200
800
1,000
600
400
200
0
1,000
100
50
300
30
10
Energized time (ms)
G3NA-275B-UTU-2
G3NA-475B-UTU-2
G3NA-290B-UTU-2
G3NA-490B-UTU-2
28
30
26
24
22
20
18
16
14
12
10
8
6
4
2
0
2,000
1,000
500
200 300
100
50 70
30
20
10
Energized time (ms)
G3NA-D210B-UTU
3,000
2,000
1,000
700
500
300
200
100
70
50
30
20
24
22
20
18
16
14
12
10
8
6
4
2
0
Load current (A)
Note: The heat sink area refers to the combined area
of the sides of the heat sink that radiate heat.
For example, when a current of 18 A is allowed
to flow through the SSR at 40
°C, the graph
shows that the heat sink area is about 450 cm2.
Therefore, if the heat sink is square, one side of
the heat sink must be 15 cm (
) or
longer.
Ambient
temperature 80
°C
Aluminum plate
3.2 mm thick
Ambient
temperature 40
°C
450 (cm2)/2
Heat Sink Area vs. Load Current
G3NA-220B-UTU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com