Electronic Components Datasheet Search
  English  ▼

X  

G3NA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G3NA
Description  Solid State Relays
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA Datasheet(HTML) 4 Page - Omron Electronics LLC

  G3NA Datasheet HTML 1Page - Omron Electronics LLC G3NA Datasheet HTML 2Page - Omron Electronics LLC G3NA Datasheet HTML 3Page - Omron Electronics LLC G3NA Datasheet HTML 4Page - Omron Electronics LLC G3NA Datasheet HTML 5Page - Omron Electronics LLC G3NA Datasheet HTML 6Page - Omron Electronics LLC G3NA Datasheet HTML 7Page - Omron Electronics LLC G3NA Datasheet HTML 8Page - Omron Electronics LLC G3NA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
G3NA
4
Specifications
■ Ratings
Input (at an Ambient Temperature of 25
°C)
Note: 1. The input impedance is measured at the maximum value of the rated supply voltage (for example, with the model rated at 100 to
240 VAC, the input impedance is measured at 240 VAC).
2. With constant current input circuit system.
Output
Note: 1. The load current varies depending on the ambient temperature. Refer to Load Current vs. Ambient Temperature under Engineering Data
on page 6.
2. When an OMRON Heat Sink (refer to Options (Order Separately)) or a heat sink of the specified size is used.
Model
Rated voltage
Operating
voltage
Impedance
(See note 1.)
Input current
Voltage level
Must operate voltage
Must release voltage
G3NA-2
@@B-UTU(-2)
G3NA-475B-UTU-2
G3NA-490B-UTU-2
5 to 24 VDC
4 to 32 VDC
7 mA max. (See note 2.)
4 VDC max.
1 VDC min.
100 to 240 VAC 75 to 264 VAC
72 k
Ω±20%
75 VAC max.
20 VAC min.
G3NA-410B-UTU
G3NA-420B-UTU
G3NA-425B-UTU-2
G3NA-440B-UTU-2
G3NA-450B-UTU-2
G3NA-D210B-UTU
5 to 24 VDC
4 to 32 VDC
5 mA max. (See note 2.)
4 VDC max.
1 VDC min.
100 to 240 VAC 75 to 264 VAC
72 k
Ω±20%
75 VAC max.
20 VAC min.
Model
Applicable load
Rated load
voltage
Load voltage
range
Load current (See note 1.)
Inrush current
VDRM
VCEO
(Reference value)
With heat sink
(See note 2.)
Without heat sink
G3NA-205B-UTU
24 to 240
VAC
19 to 264
VAC
0.1 to 5 A (at 40
°C)
0.1 to 3 A (at 40
°C)
60 A (60 Hz, 1 cycle)
600 V (VDRM)
G3NA-210B-UTU
0.1 to 10 A (at 40
°C) 0.1 to 4 A (at 40°C)
150 A (60 Hz, 1 cycle)
G3NA-220B-UTU
0.1 to 20 A (at 40
°C) 0.1 to 4 A (at 40°C)
220 A (60 Hz, 1 cycle)
G3NA-225B-UTU
0.1 to 25 A (at 40
°C) 0.1 to 4 A (at 40°C)
220 A (60 Hz, 1 cycle)
G3NA-240B-UTU
0.1 to 40 A (at 40
°C) 0.1 to 6 A (at 40°C)
440 A (60 Hz, 1 cycle)
G3NA-250B-UTU
0.1 to 50 A (at 40
°C) 0.1 to 6 A (at 40°C)
440 A (60 Hz, 1 cycle)
G3NA-275B-UTU-2
1 to 75 A (at 40
°C)
1 to 7 A (at 40
°C)
800 A (60 Hz, 1 cycle)
G3NA-290B-UTU-2
1 to 90 A (at 40
°C)
1 to 7 A (at 40
°C)
1,000 A (60 Hz, 1 cycle)
G3NA-410B-UTU
200 to 480
VAC
180 to 528
VAC
0.2 to 10 A (at 40
°C) 0.2 to 4 A (at 40°C)
150 A (60 Hz, 1 cycle)
1,200 V (VDRM)
G3NA-420B-UTU
0.2 to 20 A (at 40
°C) 0.2 to 4 A (at 40°C)
220 A (60 Hz, 1 cycle)
G3NA-425B-UTU-2
0.2 to 25 A (at 40
°C) 0.2 to 4 A (at 40°C)
220 A (60 Hz, 1 cycle)
G3NA-440B-UTU-2
0.2 to 40 A (at 40
°C) 0.2 to 6 A (at 40°C)
440 A (60 Hz, 1 cycle)
G3NA-450B-UTU-2
0.2 to 50 A (at 40
°C) 0.2 to 6 A (at 40°C)
440 A (60 Hz, 1 cycle)
G3NA-475B-UTU-2
1 to 75 A (at 40
°C)
1 to 7 A (at 40
°C)
800 A (60 Hz, 1 cycle)
G3NA-490B-UTU-2
1 to 90 A (at 40
°C)
1 to 7 A (at 40
°C)
1,000 A (60 Hz, 1 cycle)
G3NA-D210B-UTU
5 to 200 VDC 4 to 220 VDC 0.1 to 10 A (at 40
°C) 0.1 to 4 A (at 40°C)
20 A (10 ms)
400 V (VCEO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com