Electronic Components Datasheet Search
  English  ▼

X  

G3NA Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # G3NA
Description  Solid State Relays
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button G3NA Datasheet HTML 8Page - Omron Electronics LLC G3NA Datasheet HTML 9Page - Omron Electronics LLC G3NA Datasheet HTML 10Page - Omron Electronics LLC G3NA Datasheet HTML 11Page - Omron Electronics LLC G3NA Datasheet HTML 12Page - Omron Electronics LLC G3NA Datasheet HTML 13Page - Omron Electronics LLC G3NA Datasheet HTML 14Page - Omron Electronics LLC G3NA Datasheet HTML 15Page - Omron Electronics LLC G3NA Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
G3NA
12
Y92B-A100
Y92B-A150N
Y92B-A250
47.6
50
±0.1
47.6
50
±0.1
56
±0.5
R2.2
Y92B-A100 Screw Mounting
Heat Sink
(for the G3NA-205B-UTU,
G3NA-210B-UTU,
G3NA-220B-UTU,
G3NA-410B-UTU,
G3NA-420B-UTU,
G3NA-D210B)
Y92B-A150N Screw Mounting
Heat Sink
The orientation indicated by the external dimensions is not the correct mounting orientation. When opening mounting holes, refer to the
mounting hole dimensions.
For surface mounting, a 30% derating of the load current is required (from the Load Current vs. Ambient Temperature graphs).
(for the G3NA-225B-UTU,
G3NA-240B-UTU,
G3NA-425B-UTU,
G3NA-440B-UTU-2)
Mounting Holes
Two, M4 holes
100 max.
Three, M4 holes
150 max.
Four, 4.3-dia. or M4 holes
Weight: approx. 210 g
Weight: approx. 310 g
R2.2
47.6
50
±0.1
56
±0.5
1.5
9.6
2
1.5
30
Y92B-A250 Heat Sink
(for the G3NA-440B-UTU-2)
Three, M4 holes
250 max.
80.5 max.
45.5 max.
102 max.
Weight: approx. 510 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com