Electronic Components Datasheet Search
  English  ▼

X  

G3NA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3NA
Description  Solid State Relays
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3NA Datasheet HTML 1Page - Omron Electronics LLC G3NA Datasheet HTML 2Page - Omron Electronics LLC G3NA Datasheet HTML 3Page - Omron Electronics LLC G3NA Datasheet HTML 4Page - Omron Electronics LLC G3NA Datasheet HTML 5Page - Omron Electronics LLC G3NA Datasheet HTML 6Page - Omron Electronics LLC G3NA Datasheet HTML 7Page - Omron Electronics LLC G3NA Datasheet HTML 8Page - Omron Electronics LLC G3NA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
G3NA
2
Ordering Information
■ List of Models
*All models are certified by UL, CSA, and TÜV.
Note: 1. The applicable load is the value for when the SSR is used with silicon grease applied to the specified heat sink. The applicable load
depends on the ambient temperature. Refer to Load Current vs. Ambient Temperature in Engineering Data on page 6.
2. Loss time increases under 75 VAC. (Refer to page 16.) Confirm operation with the actual load.
Isolation
Zero cross
function
Indicator
Applicable output load
(See note 1.)
Rated input
voltage
Model
Phototriac
Yes
Yes
5 A at 24 to 240 VAC
(See note 2.)
5 to 24 VDC
G3NA-205B-UTU DC5-24
Photocoupler
100 to 240 VAC
G3NA-205B-UTU AC100-240
Phototriac
10 A at 24 to 240 VAC
(See note 2.)
5 to 24 VDC
G3NA-210B-UTU DC5-24
Photocoupler
100 to 240 VAC
G3NA-210B-UTU AC100-240
Phototriac
20 A at 24 to 240 VAC
(See note 2.)
5 to 24 VDC
G3NA-220B-UTU DC5-24
Photocoupler
100 to 240 VAC
G3NA-220B-UTU AC100-240
Phototriac
25 A at 24 to 240 VAC
(See note 2.)
5 to 24 VDC
G3NA-225B-UTU DC5-24
Photocoupler
100 to 240 VAC
G3NA-225B-UTU AC100-240
Phototriac
40 A at 24 to 240 VAC
(See note 2.)
5 to 24 VDC
G3NA-240B-UTU DC5-24
Photocoupler
100 to 240 VAC
G3NA-240B-UTU AC100-240
Phototriac
50 A at 24 to 240 VAC
(See note 2.)
5 to 24 VDC
G3NA-250B-UTU DC5-24
Photocoupler
100 to 240 VAC
G3NA-250B-UTU AC100-240
Phototriac
75 A at 24 to 240 VAC
(See note 2.)
5 to 24 VDC
G3NA-275B-UTU-2 DC5-24
Photocoupler
100 to 240 VAC
G3NA-275B-UTU-2 AC100-240
Phototriac
90 A at 24 to 240 VAC
(See note 2.)
5 to 24 VDC
G3NA-290B-UTU-2 DC5-24
Photocoupler
100 to 240 VAC
G3NA-290B-UTU-2 AC100-240
10 A at 200 to 480 VAC
5 to 24 VDC
G3NA-410B-UTU DC5-24
100 to 240 VAC
G3NA-410B-UTU AC100-240
20 A at 200 to 480 VAC
5 to 24 VDC
G3NA-420B-UTU DC5-24
100 to 240 VAC
G3NA-420B-UTU AC100-240
25 A at 200 to 480 VAC
5 to 24 VDC
G3NA-425B-UTU-2 DC5-24
100 to 240 VAC
G3NA-425B-UTU-2 AC100-240
40 A at 200 to 480 VAC
5 to 24 VDC
G3NA-440B-UTU-2 DC5-24
100 to 240 VAC
G3NA-440B-UTU-2 AC100-240
50 A at 200 to 480 VAC
5 to 24 VDC
G3NA-450B-UTU-2 DC5-24
100 to 240 VAC
G3NA-450B-UTU-2 AC100-240
75 A at 200 to 480 VAC
5 to 24 VDC
G3NA-475B-UTU-2 DC5-24
100 to 240 VAC
G3NA-475B-UTU-2 AC100-240
90 A at 200 to 480 VAC
5 to 24 VDC
G3NA-490B-UTU-2 DC5-24
100 to 240 VAC
G3NA-490B-UTU-2 AC100-240
---
10 A at 5 to 200 VDC
5 to 24 VDC
G3NA-D210B-UTU DC5-24
100 to 240 VAC
G3NA-D210B-UTU AC100-240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com