Electronic Components Datasheet Search
  English  ▼

X  

G3NA Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3NA
Description  Solid State Relays
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3NA Datasheet HTML 1Page - Omron Electronics LLC G3NA Datasheet HTML 2Page - Omron Electronics LLC G3NA Datasheet HTML 3Page - Omron Electronics LLC G3NA Datasheet HTML 4Page - Omron Electronics LLC G3NA Datasheet HTML 5Page - Omron Electronics LLC G3NA Datasheet HTML 6Page - Omron Electronics LLC G3NA Datasheet HTML 7Page - Omron Electronics LLC G3NA Datasheet HTML 8Page - Omron Electronics LLC G3NA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
G3NA
5
■ Characteristics
Item
G3NA-
205B-
UTU
G3NA-
210B-
UTU
G3NA-
220B-
UTU
G3NA-
225B-
UTU
G3NA-
240B-
UTU
G3NA-
250B-
UTU
G3NA-
275B-
UTU-2
G3NA-
290B-
UTU-2
G3NA-
410B-
UTU
G3NA-
420B-
UTU
G3NA-
425B-
UTU-2
G3NA-
440B-
UTU-2
G3NA-
450B-
UTU-2
G3NA-
475B-
UTU-2
G3NA-
490B-
UTU-2
G3NA-
D210B-
UTU
Operate
time
1/2 of load power source cycle + 1 ms max. (DC input)
3/2 of load power source cycle + 1 ms max. (AC input)
1 ms max.
(DC input)
30 ms max.
(AC input)
Release
time
1/2 of load power source cycle + 1 ms max. (DC input)
3/2 of load power source cycle + 1 ms max. (AC input)
5 ms max.
(DC input)
30 ms max.
(AC input)
Output ON
voltage
drop
1.6 V (RMS) max.
1.8 V (RMS) max.
1.5 V max.
Leakage
current
5 mA max. (at 100 VAC)
10 mA max. (at 200 VAC)
10 mA max. (at 200 VAC)
20 mA max. (at 400 VAC)
5 mA max.
(at
200 VDC)
Insulation
resistance
100 M
Ω min. (at 500 VDC)
Dielectric
strength
2,500 VAC, 50/60 Hz for 1 min
4,000 VAC, 50/60 Hz for 1 min
2,500 VAC,
50/60 Hz
for 1 min
Vibration
resistance
Destruction: 10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock
resistance
Destruction: 1,000 m/s2
Ambient
temperature
Operating:–30
°C to 80°C (with no icing or condensation)
Storage:–30
°C to 100°C (with no icing or condensation)
Ambient
humidity
Operating: 45% to 85%
Weight
Approx. 60 g
Approx. 70 g
Approx. 120 g Approx. 80 g
Approx. 120 g Approx.
70 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com