Electronic Components Datasheet Search
  English  ▼

X  

LMV1099 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV1099
Description  LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1099 Datasheet(HTML) 3 Page - Texas Instruments

  LMV1099 Datasheet HTML 1Page - Texas Instruments LMV1099 Datasheet HTML 2Page - Texas Instruments LMV1099 Datasheet HTML 3Page - Texas Instruments LMV1099 Datasheet HTML 4Page - Texas Instruments LMV1099 Datasheet HTML 5Page - Texas Instruments LMV1099 Datasheet HTML 6Page - Texas Instruments LMV1099 Datasheet HTML 7Page - Texas Instruments LMV1099 Datasheet HTML 8Page - Texas Instruments LMV1099 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
MIC
From
Clean Baseband
Downlink Voice
Uplink Signal Path
Downlink Signal Path
CDV+
MIC2+
MIC
MIC BIAS
LPF+
CT1
BYPASS
REF
GND
EP-
Bias
CIN2
470 nF
VDD
DCAP
Downlink
Signal
Enhancing
Circuit
Uplink
Noise
Reduction
Circuit
To
Uplink
Signal
Path
To Cell Phone
Ear -Piece
Amplifier
CIN1
470 nF
CIN3
470 nF
CIN4
470 nF
RIN1
1.1 k:
RIN3
1.1 k:
RIN2
1.1 k:
RIN4
1.1 k:
C2
EP+
100 nF
I
2
CVDD
CB
10 nF
VDD
C1
1 PF
CLP1
CLP2
OUT+
LPF-
OUT-
CT2
CT3
MIC2-
MIC1+
MIC1-
PREAMP
(12-36 dB)
PREAMP
(12-36 dB)
Post Amp
6 dB
12 dB
Post Amp
6 dB
12 dB
4.7 PF
4.7 PF
4.7 PF
4.7 PF
2.2 PF
CDV-
68 nF
68 nF
LMV1099
www.ti.com
SNAS490D – JULY 2010 – REVISED MAY 2013
Typical Application
Figure 2. Typical Application Circuit Diagram
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV1099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com