Electronic Components Datasheet Search
  English  ▼

X  

LMV1099 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV1099
Description  LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1099 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV1099 Datasheet HTML 8Page - Texas Instruments LMV1099 Datasheet HTML 9Page - Texas Instruments LMV1099 Datasheet HTML 10Page - Texas Instruments LMV1099 Datasheet HTML 11Page - Texas Instruments LMV1099 Datasheet HTML 12Page - Texas Instruments LMV1099 Datasheet HTML 13Page - Texas Instruments LMV1099 Datasheet HTML 14Page - Texas Instruments LMV1099 Datasheet HTML 15Page - Texas Instruments LMV1099 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
LMV1099
SNAS490D – JULY 2010 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TJ = 25°C, VDD = 3.6V. Uplink Path: Input Voltage = 18mVP-P, f =1 kHz, pass through mode (Note
8), Pre Amp gain = 20dB, Post Amp gain = 6dB, RL = 100kΩ, and CL = 4.7pf. Downlink Path: RL = 32Ω, f = 1kHz, SNR
Enhancer disabled.
PSRR vs Frequency
PSRR vs Frequency
VDD = 3.6V, VRIPPLE = 200mVP-P
Input Referred, VRIPPLE = 200mVP-P
Input Referred, Input = AC Ground
Passthrough Mode, Input = AC Ground
Downlink Path
Uplink Path
Figure 17.
Figure 18.
PSRR vs Frequency
VDD = 5V
Input Referred, VRIPPLE = 200mVP-P
Input = AC Ground, Downlink Path
Figure 19.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMV1099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com