Electronic Components Datasheet Search
  English  ▼

X  

LMV1099 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV1099
Description  LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1099 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV1099 Datasheet HTML 4Page - Texas Instruments LMV1099 Datasheet HTML 5Page - Texas Instruments LMV1099 Datasheet HTML 6Page - Texas Instruments LMV1099 Datasheet HTML 7Page - Texas Instruments LMV1099 Datasheet HTML 8Page - Texas Instruments LMV1099 Datasheet HTML 9Page - Texas Instruments LMV1099 Datasheet HTML 10Page - Texas Instruments LMV1099 Datasheet HTML 11Page - Texas Instruments LMV1099 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LMV1099
SNAS490D – JULY 2010 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 3.6V
(1) (continued)
Unless otherwise specified, all limits specified for TA = 25°C, VDD = 3.6V, EN = VDD. For Uplink tests, unless otherwise
specified, preamplifier gain = 20dB, post amplifier gain = 6dB, VIN = 18mVP-P, f = 1kHz, RL = 100kΩ, CL = 4.7pF and in pass-
through mode. For Downlink tests, unless otherwise specified, f = 1kHz, RL = 32Ω, AGCAV = 0dB.
LMV1099
Units
Symbol
Parameter
Conditions
(Limits)
Typical(2)
Limit(3)
Input AC Grounded (68nF)
f = 217Hz, VRIPPLE = 200mVP-P, RL =
PSRR
Power Supply Rejection Ratio
93
82
dB (min)
32
Ω
f = 1kHz, VRIPPLE = 200mVP-P, RL = 32Ω
92
81
dB (min)
VIN = 200mVP-P, f = 217Hz, RL = 32Ω
50
dB
CMRR
Common Mode Rejection Ratio
VIN = 200mVP-P, f = 1kHz, RL = 32Ω
60
dB
6.5
k
Ω
ZIN(DL)
Downlink Input Impedance
(See Table 6)
9.5
k
Ω
57
k
Ω
SNR ENHANCEMENT SPECIFICATIONS
Minimum setting
0
AGCAV
Automatic Gain Control Range
dB
Maximum setting
18
AGCAV = 0dB, f = 1kHz, VDV = 1V,
ΔAGCAV
0dB Gain Accuracy
±0.05
dB
VAN= 0V
fDV = fAN = 300Hz
VDV = 100mVP-P, VAN= 0.8mVP-P
6
dB
VDV = 100mVP-P, VAN = 2mVP-P
16
dB
Signal-To-Noise Ratio Improvement
SNRIE
(Electrical)(4)
fDV = fAN = 1kHz
VDV = 100mVP-P, VAN = 1.4mVP-P
12
dB (min)
VDV = 100mVP-P, VAN = 2mVP-P
16
dB (min)
(4)
fDV = Frequency of Downlink signal
fAN = Frequency of Ambient Noise signal
VDV = Voltage swing of Downlink signal
VAN = Voltage swing of Ambient signal
I
2C Interface Characteristics V
DD = 3.3V, 1.8V ≤ I
2CV
DD ≤ 5.5V
(1) (2)
The following specifications apply for LS and HP VOLUMEGAIN = 0dB LSGAIN = 12B, HPGAIN = 0dB, EPGAIN = 0dB,
RL = 8Ω+30μH (Loudspeaker), RL = 32Ω (Headphone), RL = 32Ω (Earpiece), CSET = 0.1µF, ALC disabled, f = 1kHz, unless
otherwise specified. Limits apply for TA = 25°C. (Note 7).
LMV1099
Units
Symbol
Parameter
Conditions
(Limits)
Typical
Limits(3)
t1
SCL Period
2.5
µs (min)
t2
SDA Setup Time
250
ns (min)
t3
SDA Stable Time
0
ns (min)
t4
Start Condition Time
250
ns (min)
t5
Stop Condition Time
250
ns (min)
t6
SDA Data Hold Time
250
ns (min)
VIH
Input High Voltage
0.7xI2CVDD
V (min)
VIL
Input Low Voltage
0.3xI2CVDD
V (max)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMV1099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com