Electronic Components Datasheet Search
  English  ▼

X  

LMV1099 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV1099
Description  LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1099 Datasheet(HTML) 4 Page - Texas Instruments

  LMV1099 Datasheet HTML 1Page - Texas Instruments LMV1099 Datasheet HTML 2Page - Texas Instruments LMV1099 Datasheet HTML 3Page - Texas Instruments LMV1099 Datasheet HTML 4Page - Texas Instruments LMV1099 Datasheet HTML 5Page - Texas Instruments LMV1099 Datasheet HTML 6Page - Texas Instruments LMV1099 Datasheet HTML 7Page - Texas Instruments LMV1099 Datasheet HTML 8Page - Texas Instruments LMV1099 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
A
D
C
B
5
2
3
4
1
E
VDD
CT1
GND
DV+
DV-
CT3
DCAP
BYPASS
CT2
EN
SCL
SDA
OUT+
LPF+
EP+
REF
MIC
BIAS
MIC1-
MIC1+
MIC2-
MIC2+
EP-
LPF-
OUT-
I
2
CVDD
LMV1099
SNAS490D – JULY 2010 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 3. 25-Bump DSBGA (Top View)
See YZR0025 Package
PIN NAME AND FUNCTION (1)
PIN
NAME
TYPE
UPLINK PIN DESCRIPTIONS
D5
MIC1+
Analog Input
Uplink Voice Positive Microphone #1 Input
E5
MIC1-
Analog Input
Uplink Voice Negative Microphone #1 Input
B5
MIC2+
Analog Input
Uplink Voice Positive Microphone #2 Input
C5
MIC2-
Analog Input
Uplink Voice Negative Microphone #2 Input
E4
MIC BIAS
Analog Output
Microphone DC Bias Voltage Output
E3
REF
Analog Ref
Microphone Reference Bypass Pin
D3
OUT+
Analog Output
Uplink Positive Output (To Baseband Chipset)
C3
LPF+
Analog Input
Uplink-Output Low Pass Filter Positive Feedback Input
D4
OUT-
Analog Output
Uplink Negative Output (To Baseband Chipset)
C4
LPF-
Analog Input
Uplink-Output Low Pass Filter Negative Feedback Input
PIN
NAME
TYPE
DOWNLINK PIN DESCRIPTIONS
A4
DV+
Analog Input
Downlink Voice Positive Input
A5
DV-
Analog Input
Downlink Voice Negative Input
A2
CT1
Analog Ref
Control Signal Timing Capacitor
B2
CT2
Analog Ref
Control Signal Timing Capacitor
B1
CT3
Analog Ref
Control Signal Timing Capacitor
A3
GND
Ground
Power Supply Ground Pin
D1
Bypass
Analog Ref
Earpiece Reference Bypass Pin
B3
EP+
Analog Output
Ear Speaker Positive Output (To Ear Piece Speaker)
B4
EP-
Analog Output
Ear Speaker Negative Output (To Ear Piece Speaker)
PIN
NAME
TYPE
DIGITAL INTERFACE & SUPPLY PIN DESCRIPTIONS
D2
SCL
Digital Input
I2C Serial Clock Digital Input
C2
EN
Digital Input
I2C Chip Enable Digital Input
(1)
Note: Pin assignment subject to change.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMV1099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com